Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D6F-CABLE2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6F-CABLE2
Description  MEMS Mass Flow Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-CABLE2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6F-CABLE2 Datasheet HTML 1Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 2Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 3Page - Omron Electronics LLC D6F-CABLE2 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20
MEMS Mass Flow Sensor
D6F-03A3-000
Characteristics
* Contact Omron for other gases.
Operating Characteristics
D6F-03A3-000
D6F-03A3-000
Model
D6F-03A3-000
Flow rate @ 0
°C and 101.3 kPa
0-3L/min
Case material
Thermoplastic resin
Applicable gas*
Air
Electrical connection
Connector (3 wire)
Withstand pressure (max.)
200kPa (about 30 psi)
Accuracy
±5% F.S. max of detected characteristics at 25
°C
Operating temperature
0 to 50
°C (with no icing or condensation)
Storage temperature
-10 to 60
°C (with no icing or condensation)
Operating and Storage humidity 85% RH max (with no icing or condensation)
Power supply voltage
10.8 to 26.4 VDC
Output signal
1 to 5 VDC, Analog Output (Load resistance: 10k
Ω)
Current consumption
15 mA max. (No-Load with V
CC = 12 to 24 VDC, VSS = 0V and 25°C)
Insulation resistance
20M
Ω min. at 500 VDC, between lead terminal and case
Dielectric strength
500 VAC, 50/60 Hz, for 1 minute. (Leakage current typ <1 mA.), between the lead terminals and case
0.0
0.6
1.2
1.8
2.4
3.0
Flow rate(L/min)
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Flow Rate (LPM)
0
0.6
1.2
1.8
2.4
3.0
Output Voltage (VDC) 1.00
± 0.2
2.83
± 0.2
3.77
± 0.2
4.34
± 0.2
4.72
± 0.2
5.00
± 0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com