Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1F32R Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1F32R
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F32R Datasheet(HTML) 1 Page - Sharp Corporation

  GP1F32R Datasheet HTML 1Page - Sharp Corporation GP1F32R Datasheet HTML 2Page - Sharp Corporation GP1F32R Datasheet HTML 3Page - Sharp Corporation GP1F32R Datasheet HTML 4Page - Sharp Corporation GP1F32R Datasheet HTML 5Page - Sharp Corporation GP1F32R Datasheet HTML 6Page - Sharp Corporation GP1F32R Datasheet HTML 7Page - Sharp Corporation GP1F32R Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
s Applications
1. CD players
2. BS tuners
Light Transmitting
s Outline Dimensions
Driver
IC
LED
LED
IC
Driver
Detector IC
Amp.
Amp.
Detector IC
GP1F31T
GP1F31R
GP1F32T
GP1F32R
6.7
10.53
Protection cap
5
4.6
12
7.6
2.54
9.2
9
8.5
10.6
12
2.54
2
9
3.7
2
Depth 8.0
Protection cap
GP1F31T/GP1F31R
GP1F32T/GP1F32R
1
2
3
1 23
2 - 2.54
0.5
2
2
1
3
1 Vin
3 GND
1
3
2
2 GND
3 Vout
2
1
3
1 Vin
3 GND
1
3
2
2 GND
3 Vout
(Unit : mm )
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT, GP1C331/331A/335
GP1F31T/R, GP1F32T/R,
/Receiving Units
3. Digital amplifiers
s Features
1. Low jitter (
∆
3. Directly connectable to modulation
/demoduration IC for digital audio equipment
emitting diode driving circuit
4. With two fixing holes for easy mounting
on set panel
GP1F32T/GP1F32R/GP1F33RR/
GP1F33TT/33RT
5. 2-channel type
∗ We recommend you to use Sharp's optical fiber
(GP1F33RR/GP1F33TT/GP1F33RT)
cable,
,GP1C331A ,
()
Model No.
Light transmitting unit
Light receiving unit
Light transmitting unit
Light receiving unit
Dual light transmitting unit
Dual light receiving unit
Light transmitting & receiving units
Optical fiber cable ( 1m )
Optical fiber cable ( 0.6m )
Optical fiber cable ( 5m )
∗ OPIC is a trademark of Sharp and stands for Optical IC.
It has light detecting element and signal processing circuitry integrated single chip.
GP1F31T
GP1F31R
GP1F32T
GP1F32R
GP1F33TT
GP1F33RR
GP1F33RT
GP1C331
GP1C331A
GP1C335
2. High speed signal transmission
s Model Line-ups
Internal Constitution
(GP1C331
OPIC light detector
GP1F33TT/RR/RT,
GP1C331/331A/335
• Light receiving unit••• Built-in signal proce-
ssing circuit
OPIC light detector
*
*
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
( 8Mbps, NRZ signal )
14 ± 0.5
φ 2.5 fixing hole φ 4
φ 2.5 fixing hole φ 4
2 VCC
1 VCC
2 VCC
1 VCC
• Light transmitting unit••• Built-in light
tj : TYP. 1ns)
GP1C335)


Similar Part No. - GP1F32R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1F351R SHARP-GP1F351R Datasheet
96Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
GP1F351T SHARP-GP1F351T Datasheet
96Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
GP1F361R SHARP-GP1F361R Datasheet
95Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
GP1F361T SHARP-GP1F361T Datasheet
95Kb / 7P
Optical Mini-Jack for Digital Audio Equipment
GP1F37R1 SHARP-GP1F37R1 Datasheet
30Kb / 1P
Square type Optical Fiber Transmitter/Receiver Unit for 3V Operation and Double Speed
More results

Similar Description - GP1F32R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV268 SANYO-1SV268 Datasheet
70Kb / 3P
Transmitting, Receiving Antenna-switch Use PIN Diode
1SV272 SANYO-1SV272 Datasheet
69Kb / 3P
Transmitting, Receiving Antenna-switch Use PIN Diode
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212 Datasheet
144Kb / 2P
Light emitting/receiving module
logo
Toshiba Semiconductor
TPS721A TOSHIBA-TPS721A Datasheet
197Kb / 4P
LIGHT-RECEIVING DEVICE FOR PLASTIC FIBER/ POLYMER-CLAD FIBER
logo
Sharp Corporation
GP1U56 SHARP-GP1U56 Datasheet
121Kb / 1P
LIGHT DETECTING UNITS
logo
Guangdong Kexin Industr...
1SV272 KEXIN-1SV272 Datasheet
36Kb / 1P
Transmitting Receiving Antenna-switch Use PIN Diode
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
Integrated light emitting/receiving elements for automobile VICS
logo
SHENZHEN FUMAN ELECTRON...
SCTX8 FUMAN-SCTX8 Datasheet
131Kb / 5P
Same frequency three-car remote control receiving/transmitting IC
SCTX8A FUMAN-SCTX8A Datasheet
301Kb / 6P
Same frequency three-car remote control receiving/transmitting IC
SCTX8IR FUMAN-SCTX8IR Datasheet
117Kb / 5P
Infrared frequency three-car remote control receiving/transmitting IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com