Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1F32R Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1F32R
Description  Light Transmitting/Receiving Units
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1F32R Datasheet(HTML) 4 Page - Sharp Corporation

  GP1F32R Datasheet HTML 1Page - Sharp Corporation GP1F32R Datasheet HTML 2Page - Sharp Corporation GP1F32R Datasheet HTML 3Page - Sharp Corporation GP1F32R Datasheet HTML 4Page - Sharp Corporation GP1F32R Datasheet HTML 5Page - Sharp Corporation GP1F32R Datasheet HTML 6Page - Sharp Corporation GP1F32R Datasheet HTML 7Page - Sharp Corporation GP1F32R Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Light power meter should be
Note ( 1) VCC= 5.0± 0.05V (ON-State)
Note 1) VCC = 5.0 ± 0.05V (Operating)
2) The probe for the oscilloscope must be
more than 1M
Ω and less than 10pF.
Vin
Vin
GND
Light power meter
Standard fiber cable
Icc
Vcc
(Anritsu ) ML93B
[ 0dBm= 1mW]
Vin
GND
GP1F31T/GP1F32T/
GP1F33TT/GP1F33RT
Unit to be measured
Standard optical fiber cable
receiver
Standard
signal
Output
CH1
CH2
Oscilloscope
Input
Input signal
50%
50%
GP1F31T/GP1F32T
GP1F33TT/GP1F33RT
Input signal
(CH1)
(CH2)
Output signal
Standard receiver
Vcc
tPLH
tPHL
Pulse width distortion
∆ tw= t
- t
GP1F31T/R, GP1F32T/R, GP1F33TT/RR/RT, GP1C331/331A/335
∗8 Input voltage/power dissipation measuring method
Input condition
Measuring method
Vin = 2.0V or more
- 21 <= PC<= -15dBm, ICC=10mA or less
Vin = 0.8V or less
PC <= - 36dBm, ICC= 10mA or less
∗9 Pulse response measuring method
Input condition and measuring method
VCC
corrected to wavelength sensitivity
(660nm )
VCC
GP1F31T/GP1F32T/
GP1F33TT/GP1F33RT
Sample
PHL
PLH
6Mbps NRZ “1010” successive pattern



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com