| Electronic Components Datasheet Search |
|
XG8B Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XG8B Datasheet(HTML) 7 Page - Omron Electronics LLC |
|
7 / 10 page ![]() IDC Sockets for Discrete Wires XG5 69 XG5 Accessories ■ Top Lock Levers ■ Spare Contacts Contact Removal Tool XY2E-0001 Used to remove contacts, which need to be replaced or reconfigured, from the housing. Replacing Contacts Use only this tool to remove incorrect IDC contacts. 1. Remove the cover. 2. Insert the tool into the housing lance holes and push the lance into the housing. 3. Pull out the contact while holding the lance down. 4. Insert a new contact. ■ XG5 IDC Assembly Tools See the “XG @ - Assembly Tooling and Accessories” datasheet for details regarding manual and automated IDC Termination tools (part numbers XY2B-7006 and XY2B-2104-N) Material: Polyamide resin (UL94V-2)/natural Material: Polyamide resin (UL94V-2)/natural XG5Z-0002 - “Lock Lever” Use to lock unshrouded right-angle Plugs (XG8B and XG8W) to XG5 or XG4 mating sockets. XG4Z-0002 - “Lock Lever II” Use to lock XG4C Box-type Plugs. Mounting the Lock Lever For Sockets with polarity guides, mount the Lock Lever to the tab to lock the Socket to the Unshrouded Plug as shown in the diagram on the right. Model XG5Z-0002 XG4Z-0002 Size no. XG5W-0031-N (Size #1) XG5W-0034-N (Size #2) Note: 1. These Contacts can be used as re- placements if a wrong connection is made. 2. The applicable wire for size No. 1 is AWG24 (UL-1061). The applicable wire for size No. 2 is AWG26 to AWG28 (UL-1007). Model XG5W-0031-N XG5W-0034-N Contact Removal Tool XY2E-0001 Lance hole Housing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |