Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG8B Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XG8B
Description  IDC Sockets for Discrete Wires
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8B Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XG8B Datasheet HTML 2Page - Omron Electronics LLC XG8B Datasheet HTML 3Page - Omron Electronics LLC XG8B Datasheet HTML 4Page - Omron Electronics LLC XG8B Datasheet HTML 5Page - Omron Electronics LLC XG8B Datasheet HTML 6Page - Omron Electronics LLC XG8B Datasheet HTML 7Page - Omron Electronics LLC XG8B Datasheet HTML 8Page - Omron Electronics LLC XG8B Datasheet HTML 9Page - Omron Electronics LLC XG8B Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
68
IDC Sockets for Discrete Wires
XG5
Assembled Dimensions (Socket and Hood Cover)
Applicable Plugs
• XG4A, XG4C, XG4E and XG8 are recommended.
• XG4C and XG8 Plugs do not have locks. To prevent accidental
removal, use a Lock Lever (XG4Z-0002, XG5Z-0002). (Lock Levers
cannot be used with XG8W Straight Terminal Connectors.)
• When mounting the XG8 Original Plug (with right-angle terminals)
to a circuit board, be sure that the cover is positioned off the board
as shown below.
Vertical Hood Cover
Dimensions
No. of
contacts
Dimensions (mm)
AB
20
30.0
44.7
26
37.6
52.3
30
42.7
57.4
Assembled Unit
Plug + Vertical Hood Cover
Horizontal Hood Cover
Dimensions
No. of
contacts
Dimensions (mm)
ABCD
E
F
34
47.7
39.0
45.7
62.5
46.4
53.1
40
55.4
41.0
47.7
70.1
48.4
55.1
50
68.1
46.4
51.1
82.8
53.8
58.5
60
80.8
49.8
54.4
95.5
57.2
61.8
Assembled Unit
Plug + Horizontal Hood Cover
Original Plug
Cover
Board
XG5
Edge
7 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com