Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358WPR Datasheet(PDF) 16 Page - Rohm

Part # LM358WPR
Description  SIGNATURE SERIES Operational Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358WPR Datasheet(HTML) 16 Page - Rohm

Back Button LM358WPR Datasheet HTML 10Page - Rohm LM358WPR Datasheet HTML 11Page - Rohm LM358WPR Datasheet HTML 12Page - Rohm LM358WPR Datasheet HTML 13Page - Rohm LM358WPR Datasheet HTML 14Page - Rohm LM358WPR Datasheet HTML 15Page - Rohm LM358WPR Datasheet HTML 16Page - Rohm LM358WPR Datasheet HTML 17Page - Rohm LM358WPR Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Technical Note
16/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
L
M
2
9
0
2
W
D
T
Family name
LM358
LM324
LM2902
LM2904
ESD Tolerance
applicable
W : 2kV
None : Normal
Package type
D : S.O package
P : TSSOP
S : Mini SO
Packaging and forming specification
R: Embossed tape and reel
(Unit : mm)
TSSOP8
0.08 S
0.08 M
4
± 4
234
8765
1
1PIN MARK
0.525
0.245
+0.05
−0.04
0.65
0.145
+0.05
−0.03
3.0
±0.1
(MAX 3.35 include BURR)
S
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
S.O package14
(Unit : mm)
7
1
8
14
(Max 9.0 include BURR)
+6
°
−4°
1PIN MARK
0.42
−0.04
+0.05
0.22
+ 0.05
−0.03
0.515
8.65
±0.1
4
°
1.27
0.08 M
0.08 S
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
(Unit : mm)
S.O package8
0.2
±0.1
234
5
6
7
8
1
4.9
±0.2
0.545
(MAX 5.25 include BURR)
0.42
±0.1
1.27
0.1 S
S
+6
°
−4°
4
°
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com