Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SA Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH28F008SA
Description  4M (512K 횞 8, 256K 횞 16) Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 2 Page - Sharp Corporation

  LH28F008SA Datasheet HTML 1Page - Sharp Corporation LH28F008SA Datasheet HTML 2Page - Sharp Corporation LH28F008SA Datasheet HTML 3Page - Sharp Corporation LH28F008SA Datasheet HTML 4Page - Sharp Corporation LH28F008SA Datasheet HTML 5Page - Sharp Corporation LH28F008SA Datasheet HTML 6Page - Sharp Corporation LH28F008SA Datasheet HTML 7Page - Sharp Corporation LH28F008SA Datasheet HTML 8Page - Sharp Corporation LH28F008SA Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LH28F400SU-NC
4M (512K × 8, 256K × 16) Flash Memory
2
Figure 2. 48-Pin TSOP Configuration
Figure 3. 44-Pin SOP Configuration
TOP VIEW
2
3
4
5
8
9
A3
A6
41
40
39
38
37
36
33
30
A17
A7
6
7
A4
A5
35
34
A9
A10
A12
A14
BYTE
GND
10
11
12
43
42
A8
A2
13
32
31
CE
A1
A0
A11
44-PIN SOP
14
15
16
17
18
19
20
21
27
24
29
28
26
25
DQ13
DQ6
DQ14
DQ7
DQ15/A-1
DQ5
DQ12
DQ2
DQ10
DQ3
DQ11
DQ9
DQ8
DQ1
DQ0
VCC
A13
A15
A16
44
1
RP/BY
VPP
22
23
DQ4
GND
OE
WE
RP
28F400SUT-NC60-23
28F400SUT-NC60-24
TOP VIEW
48-PIN TSOP
2
3
4
5
8
9
A8
A11
45
44
43
42
41
40
37
34
6
7
A9
A10
A12
A15
A13
A14
39
38
DQ15/A-1
DQ6
10
11
12
47
46
GND
13
36
DQ11
DQ3
DQ10
35
DQ14
DQ7
A16
14
15
16
17
18
19
20
31
33
32
30
29
DQ9
DQ1
DQ8
DQ0
A7
A6
A17
A5
21
22
23
24
A3
A2
A4
A1
NC
NC
BYTE
DQ13
DQ5
DQ12
DQ4
DQ2
48
1
WE
VPP
NC
RP
NC
VCC
RY/BY
27
28
26
25
OE
GND
CE
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com