Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA Datasheet(PDF) 1 Page - C&K Components

Part # PHA
Description  Short Stroke Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PHA Datasheet(HTML) 1 Page - C&K Components

  PHA Datasheet HTML 1Page - C&K Components PHA Datasheet HTML 2Page - C&K Components PHA Datasheet HTML 3Page - C&K Components PHA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A-84
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
PHA Series
Short Stroke Pushbutton Switches
Features/Benefits
• Momentary or latching action
• Low cost, reliable contact design
• 2 & 4 pole configurations
• Sealed contacts
• Optional buttons
• RoHS compliant
Typical Applications
• Computers and peripherals
• Instrumentation and
measurement equipment
• Non-power, on-off
switch applications
Specifications
SWITCHING POWER MAX.: 3 W DC
SWITCHING VOLTAGE MAX.: 30 V DC
SWITCHING CURRENT MAX.: 100 mA DC
DIELECTRIC STRENGTH (50 Hz/1 min.): 500 V between open
contacts. 1500 V between chassis and contacts.
OPERATING LIFE: 10,000 cycles at rated load
CONTACT RESISTANCE: 20 m ohms initial
Ω
INSULATION RESISTANCE: 100 M ohms
Ω
TOTAL TRAVEL/LATCHING TRAVEL: 2.5mm/1.5mm
(.098 inch/.059 inch)
OPERATING FORCE:
170 grams ± 50 grams (1.67 ± 0.98N)
230 grams ±50 grams (2.26 ± 0.98N)
SEALING: Sealed contacts.
Materials
FIXED TERMINAL: Brass, silver plated.
MOVABLE CONTACT: Phosphor bronze, silver plated.
SWITCH BODY: PPE
ACTUATOR: POM
STANDOFF CLIP: POM
RETURN SPRING: Music wire.
RETURN SPRING RETAINER: Carbon steel, tin plated.
DETENT SPRING PLATE: Phosphor bronze.
DETENT SPRING: Stainless steel.
BASE: Laminated phenolic.
TERMINAL SEAL: Epoxy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-85 thru A-87. For additional options not shown in catalog, consult Customer Service Center.
Contact Arrangement
2U
2 Changeovers
4U
4 Changeovers
Round
G003A Black
G003G Gray
G0031 Ivory
G003R Red
Rectangular
G002A Black
G002G Gray
G0021 Ivory
G002R Red
Square
G004A Black
G004G Gray
G0041 Ivory
G004R Red
Indexed
G001A Black
G001G Gray
G001I
Ivory
G001R Red
Mechanical Function
OA Momentary
EE
Push-push
P H A
Switch
Button
BUTTON REMOVAL
A button of a push-push switch should only be removed in the “OFF” non-latching position.


Similar Part No. - PHA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PHA-1 MINI-PHA-1 Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
165Kb / 1P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
330Kb / 5P
Monolithic Amplifier
PHA-1+ MINI-PHA-1+ Datasheet
377Kb / 1P
Monolithic Amplifiers
REV. OR
PHA-1-D MINI-PHA-1-D Datasheet
289Kb / 6P
Monolithic Amplifier Die
More results

Similar Description - PHA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PHA2UOAG001A ITT-PHA2UOAG001A Datasheet
198Kb / 4P
Short Stroke Pushbutton Switches
PVA ITT-PVA Datasheet
191Kb / 3P
Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
Short Stroke Key Switches
PHA2UEE CK-COMPONENTS-PHA2UEE Datasheet
239Kb / 3P
Short Stroke Pushbutton Switches
PHA2UOA CK-COMPONENTS-PHA2UOA Datasheet
248Kb / 3P
Short Stroke Pushbutton Switches
PHB4UEE1A CK-COMPONENTS-PHB4UEE1A Datasheet
260Kb / 3P
Short Stroke Pushbutton Switches
logo
Festo Corporation.
ADVC-12-5-I-P FESTO-ADVC-12-5-I-P Datasheet
90Kb / 1P
Short-stroke cylinder
ADVC-12-5-I-P-A FESTO-ADVC-12-5-I-P-A Datasheet
92Kb / 1P
Short-stroke cylinder
logo
C&K Components
PHB CK-COMPONENTS-PHB_V01 Datasheet
394Kb / 3P
Short Stroke Pushbutton Switches
2019
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
Short Stroke Key Switches
24 may 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com