Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA Datasheet(PDF) 3 Page - C&K Components

Part # PHA
Description  Short Stroke Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PHA Datasheet(HTML) 3 Page - C&K Components

  PHA Datasheet HTML 1Page - C&K Components PHA Datasheet HTML 2Page - C&K Components PHA Datasheet HTML 3Page - C&K Components PHA Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A-86
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
PHA Series
Short Stroke Pushbutton Switches
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Momentary
Push-push
OA
EE
FUNCTION
OPTION CODE
2X
2PDT
4PDT
2U
4U
SCHEMATIC
NO. OF POLES *
OPTION CODE
*Non-shorting contacts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com