Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVA Datasheet(PDF) 1 Page - C&K Components

Part # PVA
Description  Short Stroke Key Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PVA Datasheet(HTML) 1 Page - C&K Components

  PVA Datasheet HTML 1Page - C&K Components PVA Datasheet HTML 2Page - C&K Components PVA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
D–16
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Mechanical Function
OA
Momentary
EE
Push-push
Termination
NONE
Standard terminals
SNA
Snap-in terminals
Total Height
H1
17,5 mm
H2
23 mm
H3
20,5 mm
H4
15 mm
H5
13 mm (momentary only)
Series
PVA1
2 make-contacts (DPST)
PVA2
2 changeover contacts (DPDT)
V
P
A
Button
PE
PV
Button Color
RD
Red
GR
Green
BK
Black
WH White
PVA
Short Stroke Key Switches
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box. Some of the configurations may not be available
or could require some development.
Features/Benefits
Compact design
Short stroke to latch
Wide variety of actuator
heights and styles
Adapted for medium
power applications
RoHS compliant and
compatible
Typical Applications
Automotive (air conditioning, lighting)
Video, remote controls
Electronic games
Electrical
SWITCHING POWER MAX.: 3 W DC
SWITCHING VOLTAGE MAX.: 32 V DC
SWITCHING CURRENT MAX.: 100 mA DC*
DIELECTRIC STRENGTH (50 Hz / 1 min):
1000 V between open contacts, PVA2: 750 V
OPERATING LIFE:
OA (momentary):
≥ 1 x 105 operations
EE (push-push):
≥ 1 x 105 operations
CONTACT RESISTANCE: Initial
≤ 100 mΩ
After life:150 m
INSULATION RESISTANCE:
≥ 1010
BOUNCE TIME:
≤ 3 ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C.
3
1) Other contact arrangements available by request
2) “Snap-in” contacts on request, Version SNA with pins bent inside (standard)
3) With button +70˚C
* By 13,8 VDC, the PVA supports a peak current of 500 mA and a continuous
current of 200 mA.
Construction
FUNCTION: Momentary, Push-Push
CONTACT ARRANGEMENT:
1
PVA1: 2 make contacts (DPST)
PVA2: 2 change over contacts (DPDT)
SWITCHING MODE:
Non-shorting
TERMINALS: PC pins
2
Mechanical
TOTAL TRAVEL / LATCHING TRAVEL:
OA: 2,4± 0,2 (0.094 ± 0.008)
EE: 2,4± 0,2 (0.094 ± 0.008)/ 1,5 (0.059)
OPERATING FORCE: 1.2 ± .25 (120 grams);
1.7 ± .25 (170 grams); 3.5 ± .25 (350 grams)
Process
SOLDERABILITY:
Wave soldering, compatible with lead free soldering profile
Hand soldering, 350˚C for 3 seconds
Note: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Operating Force
NONE
PVA1
1.2N
PVA2
1.7N
3.5N
3.5 N for PVA1 and PVA2
Button
Buttons must be ordered separately.
Shipped in bulk.
Switch


Similar Part No. - PVA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
Short Stroke Key Switches
logo
Banner Engineering Corp...
PVA BANNER-PVA Datasheet
525Kb / 8P
PVA Pick-to-Light Array
logo
C&K Components
PVA CK-COMPONENTS-PVA Datasheet
291Kb / 3P
Short Stroke Key Switches
24 may 19
logo
VIGO Photonics S.A.
PVA VIGO-PVA Datasheet
637Kb / 2P
2.4 – 5.3 μm InAs and InAsSb ambient temperature photovoltaic detectors
04/05/2022
logo
Directed Energy, Inc.
PVA-1001 DEI-PVA-1001 Datasheet
351Kb / 3P
Pulsed Voltage Module
More results

Similar Description - PVA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PHA2UOAG001A ITT-PHA2UOAG001A Datasheet
198Kb / 4P
Short Stroke Pushbutton Switches
PVA ITT-PVA Datasheet
191Kb / 3P
Short Stroke Key Switches
logo
C&K Components
PHA CK-COMPONENTS-PHA Datasheet
234Kb / 4P
Short Stroke Pushbutton Switches
PHA2UEE CK-COMPONENTS-PHA2UEE Datasheet
239Kb / 3P
Short Stroke Pushbutton Switches
PHA2UOA CK-COMPONENTS-PHA2UOA Datasheet
248Kb / 3P
Short Stroke Pushbutton Switches
PHB4UEE1A CK-COMPONENTS-PHB4UEE1A Datasheet
260Kb / 3P
Short Stroke Pushbutton Switches
logo
Festo Corporation.
ADVC-12-5-I-P FESTO-ADVC-12-5-I-P Datasheet
90Kb / 1P
Short-stroke cylinder
ADVC-12-5-I-P-A FESTO-ADVC-12-5-I-P-A Datasheet
92Kb / 1P
Short-stroke cylinder
logo
C&K Components
PHB CK-COMPONENTS-PHB_V01 Datasheet
394Kb / 3P
Short Stroke Pushbutton Switches
2019
PVA CK-COMPONENTS-PVA_V01 Datasheet
291Kb / 3P
Short Stroke Key Switches
24 may 19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com