Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVA Datasheet(PDF) 3 Page - C&K Components

Part # PVA
Description  Short Stroke Key Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PVA Datasheet(HTML) 3 Page - C&K Components

  PVA Datasheet HTML 1Page - C&K Components PVA Datasheet HTML 2Page - C&K Components PVA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
D–18
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
1
0
21
0
21
0
21
0
2
H1
H2
H3
H4
H5
1
0
2
TOTAL HEIGHT
TERMINATION
PVA
Short Stroke Key Switches
H1 17,5 MM
SNA
H2 23 MM
H3 20,5 MM
H4 15 MM
H5 13 MM
(MOMENTARY ONLY)
0,4
(.157)
BUTTONS
PE
PV
7
(.276)
9,7
(.382)
5,9
(.232)
11
(.433)
13.7
(.59)
OPTION
CODE
COLOR
RD
Red
GY
Gray
BK
Black
WH
White
BUTTONS MUST BE ORDERED SEPARATELY. SHIPPED IN BULK.
OPERATING FORCE
NONE PVA1 1.2 N
PVA2 1.7 N
3.5N 3.5 NEWTONS PVA1 & PVA2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com