Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5830 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT5830 Datasheet HTML 9Page - Active-Semi, Inc ACT5830 Datasheet HTML 10Page - Active-Semi, Inc ACT5830 Datasheet HTML 11Page - Active-Semi, Inc ACT5830 Datasheet HTML 12Page - Active-Semi, Inc ACT5830 Datasheet HTML 13Page - Active-Semi, Inc ACT5830 Datasheet HTML 14Page - Active-Semi, Inc ACT5830 Datasheet HTML 15Page - Active-Semi, Inc ACT5830 Datasheet HTML 16Page - Active-Semi, Inc ACT5830 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
STEP-DOWN DC/DC CONVERTER
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
ELECTRICAL CHARACTERISTICS
(VVP = 3.6V, TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VREG as defined by the Ordering Information section.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VP Operating Voltage Range
3.1
5.5
V
VP UVLO Threshold
Input Voltage Rising
2.9
3
3.1
V
VP UVLO Hysteresis
Input Voltage Falling
80
mV
Standby Supply Current
110
200
µA
Shutdown Supply Current
REG/ON[ ] = [0], VVP = 4.2V
0.1
1
µA
Output Voltage Regulation Accuracy
VNOM < 1.3V, IOUT = 10mA
-2.4%
VNOM
+1.8%
VNOM ≥ 1.3V, IOUT = 10mA
-1.2%
VNOM
+1.8%
Line Regulation
VVP = Max(VNOM + 1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation
IOUT = 10mA to 350mA
0.0017
%/mA
Current Limit
0.45
0.6
A
Oscillator Frequency
VREG ≥ 20% of VNOM
1.35
1.6
1.85
MHz
VREG = 0V
530
kHz
PMOS On-Resistance
ISW = -100mA
0.45
0.75
NMOS On-Resistance
ISW = 100mA
0.3
0.5
SW Leakage Current
VVP = 5.5V, VSW = 5.5V or 0V
1
µA
Power Good Threshold
94
%VNOM
Minimum On-Time
70
ns
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com