Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH2R535NRFA Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # E48SH2R535NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

E48SH2R535NRFA Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button E48SH2R535NRFA Datasheet HTML 7Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 8Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 9Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 10Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 11Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 12Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 13Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 14Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 15Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
E48SH3R330_05142009
13
MECHANICAL DRAWING
SURFACE-MOUNT MODULE
THROUGH-HOLE MODULE
Pin No.
Name
Function
1
2
3
4
5
6
7
8
+Vin
ON/OFF
-Vin
-Vout
-SENSE
TRIM
+SENSE
+Vout
Positive input voltage
Remote ON/OFF
Negative input voltage
Negative output voltage
Negative remote sense
Output voltage trim
Positive remote sense
Positive output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com