Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SH2R535NRFA Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # E48SH2R535NRFA
Description  Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

E48SH2R535NRFA Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button E48SH2R535NRFA Datasheet HTML 5Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 6Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 7Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 8Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 9Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 10Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 11Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 12Page - Future Technology Devices International Ltd. E48SH2R535NRFA Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
E48SH3R330_05142009
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 18:
Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()
Ω
−
Δ
=
−
K
down
Rtrim
2
.
10
511
Ex. When Trim-down -10%(3.3V×0.9=2.97V)
()
Ω
=
−
=
−
K
down
Rtrim
9
.
40
2
.
10
10
511
Figure 19:
Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
()
Ω
−
Δ
−
Δ
Δ
+
=
−
K
up
Rtrim
2
.
10
511
1.225
)
(100
Vo
11
.
5
Ex. When Trim-up +10%(3V×1.1=3.3V)
()
5.11 3.3
(100 10 )
511
10.2
90.1
1.225 10
10
Rtrim
up
K
×
×+
−
=−
−
=
Ω
×
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
Frequency Synchronization
This product family can be synchronized with external clock
signal to the TRIM pin. This reduces system noise and
interference in multiple converter systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com