Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE28A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LCE28A
Description  1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LCE28A Datasheet(HTML) 2 Page - Micro Commercial Components

  LCE28A Datasheet HTML 1Page - Micro Commercial Components LCE28A Datasheet HTML 2Page - Micro Commercial Components LCE28A Datasheet HTML 3Page - Micro Commercial Components LCE28A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve
Low Capacitance
TVS
Fig. 4 - AC Line Protection Application
Application Note:
Device must be used
with two units in parallel,opposite in polarity
as shown in circuit for AC signal line
protection.
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
t - Time(ms)
100
0
3.0
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
Fig.2-Power Derating Curve
TL Lead Temperature (°C)
Average Power
Peak Power
(single pulse)
Lead Lengths
0.375" (9.5mm)
www.mccsemi.com
Version: A
2011/01/01
LCE6.5A thru LCE28A
MCC
TM
Micro Commercial Components
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com