Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE28A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LCE28A
Description  1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LCE28A Datasheet(HTML) 1 Page - Micro Commercial Components

  LCE28A Datasheet HTML 1Page - Micro Commercial Components LCE28A Datasheet HTML 2Page - Micro Commercial Components LCE28A Datasheet HTML 3Page - Micro Commercial Components LCE28A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Glass passivated junction
and Excellent clamping capability
Low incremental surge resistance
1500W Peak Pulse Power capability with a 10/1000us waveform
Excellent clamping capability
Mechanical Characteristics
Weight: 0.045 ounce, 1.2 grams
Maximum Ratings
P PPM
1500W
IPPM
Dissipation
P
M(AV)
5.0W
TL =75
o
C
Dissipation
Steady State Power
=25
oC
TA
Peak Pulse Power
Surger Current
Peak Power Pules
Table
See the
Electrical Characteristics @ 25OC Unless Otherwise Specified
Operating Temperature: -55
o
C to +175
o
C
Storage Temperature: -55
o
C to +175
o
C
For Parts without A , the VBR is
20%
+
-
DO-201AE
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.038
.042
0.96
1.06
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
LCE6.5A
THRU
LCE28A
1500Watts Low
Capacitance Transient
Voltage Suppressor
6.5 to 28 Volts
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Version: A
2011/01/01
TM
Micro Commercial Components
1 of 4
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
UL Recognized File # E331408
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - LCE28A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE28A EIC-LCE28A Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LCE28A MICROSEMI-LCE28A Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Littelfuse
LCE28A LITTELFUSE-LCE28A Datasheet
121Kb / 4P
Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
LCE28A LITTELFUSE-LCE28A Datasheet
121Kb / 4P
1500W Axial Leaded Transient Voltage Supressors
logo
TAITRON Components Inco...
LCE28A TAITRON-LCE28A Datasheet
179Kb / 5P
1500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - LCE28A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LC3KP6.5CA MDE-LC3KP6.5CA Datasheet
47Kb / 2P
LOW CAPACITANCE BI DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE- 6.5 - 28 Volts 3000 Watt Peak Pulse Power
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ440A LUGUANG-SMCJ440A Datasheet
428Kb / 4P
1500Watts Surface Mount Transient Voltage Suppressor
SMCJ400A LUGUANG-SMCJ400A Datasheet
428Kb / 4P
1500Watts Surface Mount Transient Voltage Suppressor
SMCJ350A LUGUANG-SMCJ350A Datasheet
428Kb / 4P
1500Watts Surface Mount Transient Voltage Suppressor
SMCJ300A LUGUANG-SMCJ300A Datasheet
428Kb / 4P
1500Watts Surface Mount Transient Voltage Suppressor
logo
StarHope
SAC SPSEMI-SAC Datasheet
284Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
LCE28A MCC-LCE28A_16 Datasheet
195Kb / 4P
1500Watts Low Capacitance Transient Voltage Suppressor 6.5 to 28 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com