Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB110 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB110
Description  600 Watts Suface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB110 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  P6SMB110 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IRSM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P6SMB100
MWJ
90
110
1.0
81.0
5.0
4.3
144
0.106
P6SMB100A
MXJ
95
105
1.0
85.5
5.0
4.5
137
0.106
P6SMB110
MYJ
99
121
1.0
89.2
5.0
3.9
158
0.107
P6SMB110A
MZJ
105
116
1.0
94.0
5.0
4.1
152
0.107
P6SMB120
NDJ
108
132
1.0
97.2
5.0
3.6
173
0.107
P6SMB120A
NEJ
114
126
1.0
102.0
5.0
3.8
165
0.107
P6SMB130
NFJ
117
143
1.0
105.0
5.0
3.3
187
0.107
P6SMB130A
NGJ
124
137
1.0
111.0
5.0
3.5
179
0.107
P6SMB150
NHJ
135
165
1.0
121.0
5.0
2.9
215
0.108
P6SMB150A
NKJ
143
158
1.0
128.0
5.0
3.0
207
0.108
P6SMB160
NLJ
144
176
1.0
130.0
5.0
2.7
230
0.108
P6SMB160A
NMJ
152
168
1.0
136.0
5.0
2.8
219
0.108
P6SMB170
NNJ
153
187
1.0
138.0
5.0
2.5
244
0.108
P6SMB170A
NPJ
162
179
1.0
145.0
5.0
2.6
234
0.108
P6SMB180
NQJ
162
198
1.0
146.0
5.0
2.4
258
0.108
P6SMB180A
NRJ
171
189
1.0
154.0
5.0
2.5
246
0.108
P6SMB200
NSJ
180
220
1.0
162.0
5.0
2.1
287
0.108
P6SMB200A
NTJ
190
210
1.0
171.0
5.0
2.2
274
0.108
P6SMB220
NUJ
198
242
1.0
175.0
5.0
1.8
342
0.108
P6SMB220A
NVJ
209
231
1.0
185.0
5.0
1.9
328
0.108
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. For bipolar types having VWM of 10 volts and under, the I D limit is doubled.
4. For bidirectional use C or CA suffix for types P6SMB6.8 through P6SMB220A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
Version:E11
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com