Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB110 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P6SMB110
Description  600 Watts Suface Mount Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P6SMB110 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P6SMB110 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P6SMB110 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by art
UL Recognized File # E-326243
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Typical IR less than 1uA above 10V
XXX
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
PPK
Watts
PD
Watts
TJ, TSTG
℃
℃
/W
Note 4: VF=3.5V on P6SMB6.8 thru P6SMB91 Devices and VF=5.0V on P6SMB100 thru P6SMB220 Device.
Steady State Power Dissipation
3
Typical Thermal Resistance
RθJC
RθJA
10
55
VF
3.5 / 5.0
Volts
2. Electrical Characterstics Apply in Both Directions
-65 to +150
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 2, 3) - Unidirectional Only
IFSM
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on 10 x 10mm (.035mm Think) Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
100
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
P6SMB SERIES
600 Watts Suface Mount Transient Voltage Suppressor
Marking Diagram
SMB/DO-214AA
Dimensions in inches and (millimeters)
Weight: 0.093 gram
Type Number
Operating and Storage Temperature Range
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
Devices for Bipolar Applications
Version:E11
1. For Bidrectional Use C or CA Suffix for Types P6SMB6.8 through Types P6SMB220A
Features
Polarity: Indicated by cathode band
Mechanical Data
Terminals: Pure tin plated, lead free
Case: Molded plastic
600 watts peak pulse power capability with a 10 /
1000 us waveform
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Minimum 600
Value
Packaging: 12mm tape per EIA Std RS-481
For surface mounted application in order to optimize
board space
Fast response time: Typically less than 1.0ps from
0 volt to BV min
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Plastic material used carried Underwriters
Laboratory Flammability Classification 94V-0
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - P6SMB110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB110 MOTOROLA-P6SMB110 Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB110 TSC-P6SMB110 Datasheet
69Kb / 4P
Surface Mount Transient Voltage Suppressor
P6SMB110 TSC-P6SMB110 Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB110 PANJIT-P6SMB110 Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMB110 PANJIT-P6SMB110 Datasheet
146Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
More results

Similar Description - P6SMB110

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
600 Watts Surface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
1500 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
400 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
600 Watts Suface Mount Transient Voltage Suppressor
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
1500 Watts Suface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com