Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4268CS50RL Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268CS50RL
Description  180mA Fixed-Voltage Ultra Low LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268CS50RL Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS4268CS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS4268
180mA Fixed-Voltage Ultra Low LDO
4/7
Version: B07
Circuit Description
The control amplifier compares a reference voltage, which is kept highly accurate by resistance adjustment, to a
voltage that is proportional to the output voltage and drives the base of the series transistor via a buffer. Saturation
control as a function of the load current prevents any over-saturation of the power element. If The externally scaled
down output voltage at the reset threshold input drops below 1.35 V, the external reset delay capacitor is discharged
by the reset generator. If the voltage on the capacitor reaches the lower threshold VST, a reset signal is generated on
the reset output and not cancelled again until the upper threshold voltage is exceeded. If the reset threshold input is
connected to GND, reset is triggered at an output voltage of 4.5 V. A connected microcontroller is monitored by the
watchdog logic. If pulses are missing, the rest output is set to low. The pulse sequence time can be set within a wide
range with the reset delay capacitor. TS4268 is also incorporates a member of internal circuits for protection against:
• Over load
• Over temperature
• Reverse polarity
Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com