Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4268CS50RL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268CS50RL
Description  180mA Fixed-Voltage Ultra Low LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268CS50RL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4268CS50RL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268CS50RL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS4268
180mA Fixed-Voltage Ultra Low LDO
1/7
Version: B07
SOP-8
General Description
TS4268 is a 5V low-drop fixed-voltage regulator. The maximum input voltage is 45 V. It can deliver an output current of
at least 180mA. TS4268 is short-circuit proof and features temperature protection that disables the circuit in the event
of impermissibly high temperatures. The watchdog function is disabled as a function of the load, so that a controller is
not interrupted during sleep mode by a watchdog reset.
Application Description
TS4268 regulates an input voltage in the range 5.5V ~ 45V. In the event of an output voltage Vout < VRT, a reset signal
is generated. The wiring of the reset switching threshold input enables the value of VRT to be reduced. The reset delay
time can be adjusted using an external capacitor. The integrated watchdog monitors the connected active controller. If
there is no positive-going edge at the watchdog input, the reset output is set to low. The reset delay capacitor provides
a wide adjustment range for the pulse repetition time. The watchdog function is only activated if the load exceeds 8mA.
This ensures that a microcontroller is not activated during power-down and the current drain is not increased. The IC is
protected against overload and over temperature.
Features
●
Output voltage tolerance <±2%
●
Very low current consumption
●
Low-drop voltage
●
Watchdog
●
Settable reset threshold
●
Over temperature protection
●
Reverse polarity protection
●
Short-circuit proof
●
Suitable for use in automotive electronics
●
Wide temperature range
Ordering Information
Part No.
Package
Packing
TS4268CS50 RL
SOP-8
2.5Kpcs / 13” Reel
Pin Description
Pin No.
Symbol
Pin Description
1
IN
Input Voltage. block to ground directly with ceramic capacitor
2
N/C
Not Connected
3
RO
Reset Output. the open collector output is connected to the 5V output via an integrated
resistor of 30kΩ
4
GND
Ground
5
RD
Reset Delay. connect a capacitor to ground for delay time adjustment.
6
RADJ
Reset Switching Threshold. for setting the switching threshold, output to ground with
voltage divider. If this input is connected to ground, the reset is triggered at an output
voltage of 4.5V.
7
WI
Watchdog Input. positive-edge-triggered input for monitoring a microcontroller.
8
OUT
Output Voltage. block to ground with 22uF capacitor, ESR <3Ω
Pin Definition:
1. IN
8. OUT
2. N/C
7. WI
3. RO
6. RADJ
4. GND 5. RD


Similar Part No. - TS4268CS50RL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268CS50 TSC-TS4268CS50 Datasheet
255Kb / 7P
180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
More results

Similar Description - TS4268CS50RL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268 Datasheet
255Kb / 7P
180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4264G TSC-TS4264G_08 Datasheet
273Kb / 5P
5V/150mA Fixed-Voltage Ultra Low LDO
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TS4264GCW50 TSC-TS4264GCW50_14 Datasheet
123Kb / 5P
5V/150mA Fixed-Voltage Ultra Low LDO
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
Ultra-Low Dropout Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com