Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR38580 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 6 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LR38580
6
PIN NO. SYMBOL
I/O
POLARITY
PIN NAME
DESCRIPTION
41
FR
O4MA3
Reset pulse output
A pulse to reset the charge of output circuit.
Connect to ØR pin of CCD through the DC offset circuit.
42
FH2B
O4MA2
Horizontal transfer
pulse output 2B
A pulse to drive horizontal CCD shift register.
Connect to ØH2B pin of CCD.
43
FH2
O4MA3
Horizontal transfer
pulse output 2
A pulse to drive horizontal CCD shift register.
Connect to ØH2 pin of CCD.
45
FH1
O4MA3
Horizontal transfer
pulse output 1
A pulse to drive horizontal CCD shift register.
Connect to ØH1 pin of CCD.
44
VDD
–
–
Power supply
Supply of +5 V power.
46
FH1B
O4MA2
Horizontal transfer
pulse output 1B
A pulse to drive horizontal CCD shift register.
Connect to ØH1B pin of CCD.
47
TST6
ICD
–
Test pin 6
A test pin. Set open or to L level in the normal mode.
48
GND
–
–
Ground
A grounding pin.
IC
: Input pin (CMOS level)
ICU
: Input pin (CMOS level with pull-up resistor)
ICD
: Input pin (CMOS level with pull-down resistor)
ICSU
: Input pin (CMOS schmitt-trigger level with pull-up
resistor)
O
: Output pin (VDD = 5 V)
O4MA2
: Output pin (VDD = 5 V)
O4MA3
: Output pin (VDD = 5 V)
O12MHV : Output pin (VDD12 = 12.5 V)
ON
: Output pin (N-ch open drain)
OSCI
: Input pin for oscillation
OSC3M : Output pin for oscillation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com