Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR38580 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR38580
Description  Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38580 Datasheet(HTML) 1 Page - Sharp Corporation

  LR38580 Datasheet HTML 1Page - Sharp Corporation LR38580 Datasheet HTML 2Page - Sharp Corporation LR38580 Datasheet HTML 3Page - Sharp Corporation LR38580 Datasheet HTML 4Page - Sharp Corporation LR38580 Datasheet HTML 5Page - Sharp Corporation LR38580 Datasheet HTML 6Page - Sharp Corporation LR38580 Datasheet HTML 7Page - Sharp Corporation LR38580 Datasheet HTML 8Page - Sharp Corporation LR38580 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DESCRIPTION
The LR38580 is a CMOS single-chip driver IC which
generates timing pulses for driving 270 k/320 k-
pixel B/W CCD area sensors with a dual-power-
supply operation, synchronous pulses for TV
signals and processing pulses for video signals.
FEATURES
• Designed for 270 k/320 k-pixel B/W CCD area
sensors with a dual-power-supply operation
• Switchable between EIA and CCIR modes
• Electronic shutter and EE control are possible
• Maximum shutter speed is selectable from
approx. 1/100 000 s, 1/56 000 s and 1/32 000 s
• Starting shutter speed is selectable from approx.
1/100 000 s and 1/1 000 s
• Flicker-less function
• Switchable between normal and mirror images
• External synchronization is possible
• Level shifter for readout and shutter pulses included
• Dual +5 V and +12.5 V power supplies
• Package :
48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch
PIN CONNECTIONS
LR38580
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
LR38580
Single-chip Driver IC for 270 k/320 k-pixel
B/W CCDs with Dual-power-supply Operation
1
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TST1
EEST
WIND
VRI
TST2
TST3
GND
VDD
CSYN
CBLK
OBCP
HBLK
EENR
EEUD
EEMD
VD
HD
GND
VDD
ACLX
TVMD
TST5
OSCO
OSCI
48-PIN QFP
TOP VIEW
(QFP048-P-0707)


Similar Part No. - LR38580

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
More results

Similar Description - LR38580

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
LZ9GG33M SHARP-LZ9GG33M Datasheet
2Mb / 58P
Single Chip Drive IC(270K/320K pixel B/W CCD)
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com