Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V3B
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3B Datasheet(HTML) 2 Page - Omron Electronics LLC

  V3B Datasheet HTML 1Page - Omron Electronics LLC V3B Datasheet HTML 2Page - Omron Electronics LLC V3B Datasheet HTML 3Page - Omron Electronics LLC V3B Datasheet HTML 4Page - Omron Electronics LLC V3B Datasheet HTML 5Page - Omron Electronics LLC V3B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V3B
V3B
2
Specifications
Part number
V3B-jj
Recommended card type
ISO 7810, 7811/1-6
Recording method
FM decoding (F2F)
Card feeding speed
10 to 120 cm/second (10 to 100 cm/sec triple track)
Service life of magnetic head
300,000 passes
Operating power supply
+5 VDC ±10%
Current consumption
Single track
3 mA typical, 5 mA maximum
Current consumption
Dual track
6 mA typical, 10 mA maximum
Triple track
9 mA typical, 15 mA maximum
Mounting location
Indoors—away from direct sunlight or wet, humid environment
Ambient temperature
Operation
--10_ to 55_C (14_F to 131_F)
Ambient temperature
Storage
--30_ to 70_C (--22_F to 158_F)
Ambient humidity
Operation
30% to 85% RH without condensation
Ambient humidity
Storage
20% to 90% RH
Vibration
10 to 150 Hz, single vibration, width of 0.15 mm
Shock
Peak acceleration 19.6 m/sec2
Dimensions
With cover
100 W x 32 H x 32.5 D mm (3.94 W x 1.26 H x 1.28 D in)
Dimensions
Without cover
100 W x 29.5 H x 27 D mm (3.94 W x 1.16 H x 1.06 D in)
Weight
Approx. 82 g with cover (52 g without cover)
Engineering Data
J
INPUT CIRCUIT DIAGRAM
J
OUTPUT CIRCUIT DIAGRAM
Input
R1
+5 VDC
0V
R1: 100 k¦p
DC+5 V
0V
Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com