Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # V3B
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3B Datasheet(HTML) 4 Page - Omron Electronics LLC

  V3B Datasheet HTML 1Page - Omron Electronics LLC V3B Datasheet HTML 2Page - Omron Electronics LLC V3B Datasheet HTML 3Page - Omron Electronics LLC V3B Datasheet HTML 4Page - Omron Electronics LLC V3B Datasheet HTML 5Page - Omron Electronics LLC V3B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V3B
V3B
4
Dimensions
Unit: mm (inch)
J
V3B-V
V
K
100
(3.94)
33
(1.30)
32
(1.26)
Card Feed Direction
25
(0.98)
8.5
(0.33)
16 ± 0.2
(0.63 ± 0.008)
92 ± 0.2
(3.62 ± 0.008)
250 ± 20
(9.84 ± 0.79)
4 -- f 2.5 Depth 7
For Mounting Screw
(Applicable Screw: M3 Tapping)
Note: Tolerances ±0.3mm unless specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com