Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 57Page - Texas Instruments TMS570LS3137 Datasheet HTML 58Page - Texas Instruments TMS570LS3137 Datasheet HTML 59Page - Texas Instruments TMS570LS3137 Datasheet HTML 60Page - Texas Instruments TMS570LS3137 Datasheet HTML 61Page - Texas Instruments TMS570LS3137 Datasheet HTML 62Page - Texas Instruments TMS570LS3137 Datasheet HTML 63Page - Texas Instruments TMS570LS3137 Datasheet HTML 64Page - Texas Instruments TMS570LS3137 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 159 page
background image
BIAS_EN
Low
Power
Oscillator
LFEN
LF_TRIM
HFEN
HF_TRIM
CLK80K
CLK10M
CLK10M_VALID
nPORRST
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
4.6.1.2
Low Power Oscillator
The Low Power Oscillator (LPO) is comprised of two oscillators
— HF LPO and LF LPO, in a single
macro.
4.6.1.2.1 Features
The main features of the LPO are:
Supplies a clock at extremely low power for power-saving modes. This is connected as clock source #
4 of the Global Clock Module.
Supplies a high-frequency clock for non-timing-critical systems. This is connected as clock source # 5
of the Global Clock Module.
Provides a comparison clock for the crystal oscillator failure detection circuit.
Figure 4-5. LPO Block Diagram
Figure 4-5 shows a block diagram of the internal reference oscillator. This is a low power oscillator (LPO)
and provides two clock sources: one nominally 80KHz and one nominally 10MHz.
4.6.1.2.2 LPO Electrical and Timing Specifications
Table 4-10. LPO Specifications
Parameter
MIN
Type
MAX
Unit
LPO - HF oscillator
untrimmed frequency
5.5
9.6
19.5
MHz
startup time from STANDBY (LPO BIAS_EN High for
10
µs
at least 900
µs)
cold startup time
900
µs
LPO - LF oscillator
untrimmed frequency
36
85
180
kHz
startup time from STANDBY (LPO BIAS_EN High for
100
µs
at least 900
µs)
cold startup time
2000
µs
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
61
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com