Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3137 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 1 Page - Texas Instruments

  TMS570LS3137 Datasheet HTML 1Page - Texas Instruments TMS570LS3137 Datasheet HTML 2Page - Texas Instruments TMS570LS3137 Datasheet HTML 3Page - Texas Instruments TMS570LS3137 Datasheet HTML 4Page - Texas Instruments TMS570LS3137 Datasheet HTML 5Page - Texas Instruments TMS570LS3137 Datasheet HTML 6Page - Texas Instruments TMS570LS3137 Datasheet HTML 7Page - Texas Instruments TMS570LS3137 Datasheet HTML 8Page - Texas Instruments TMS570LS3137 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
TMS570LS3137 16/32-Bit RISC Flash Microcontroller
Check for Samples: TMS570LS3137
1
TMS570LS3137 16/32-Bit RISC Flash Microcontroller
1.1
Features
1
• High-Performance Automotive Grade
• Multiple Communication Interfaces
Microcontroller for Safety Critical Applications
– 10/100 Mbps Ethernet MAC (EMAC)
– Dual CPU’s running in lockstep
IEEE 802.3 compliant (3.3V-I/O only)
– ECC on flash and RAM interfaces
Supports MII and MDIO
– Built-In Self Test for CPU and on-chip RAMs
– FlexRay Controller with 2 channels
– Error Signaling Module with Error Pin
8KB message RAM with parity protection
– Voltage and Clock Monitoring
Dedicated Transfer Unit (FTU)
• ARM® Cortex™ – R4F 32-bit RISC CPU
– Three CAN Controllers (DCAN)
– Efficient 1.6DMIPS/MHz with 8-stage pipeline
64 mailboxes with parity protection each
– Floating-Point Unit with Single/Double
Compliant to CAN protocol version 2.0B
Precision
– Inter-Integrated Circuit (I2C)
– 12-Region Memory Protection Unit
– Three Multi-buffered Serial Peripheral
– Open Architecture with 3rd Party Support
Interfaces (MibSPI)
• Operating Conditions
128 Words with Parity Protection each
– Up to 180MHz System Clock
– Two Standard Serial Peripheral Interfaces
– Core Supply Voltage (VCC): 1.2V nominal
(SPI)
– I/O Supply Voltage (VCCIO): 3.3V nominal
– Local Interconnect Network Interface (LIN)
Controller
• Integrated Memory
Compliant to LIN protocol version 2.1
– Up to 3MB Program Flash with ECC
– Standard Serial Communication Interface
– Up to 256KB RAM with ECC
(SCI)
– 64KB Flash for emulated EEPROM
• Two High-End Timer Modules (N2HET)
• 16- bit External Memory Interface
– N2HET1: 32 programmable channels
• Common Platform Architecture
– N2HET2: 20 programmable channels
– Consistent memory map across family
– 160 Word Instruction RAM with parity
– Real-Time Interrupt Timer (RTI) OS Timer
protection each
– 96-channel Vectored Interrupt Module (VIM)
– Each includes Hardware Angle Generator
– 2-channel Cyclic Redundancy Checker (CRC)
– Dedicated Transfer Unit for each N2HET
• Direct Memory Access (DMA) Controller
(HTU)
– 16 Channels and 32 Control Packets
• Two 10/12-bit Multi-Buffered ADC Modules
– Parity protection for control packet RAM
– ADC1: 24 channels
– DMA Accesses Protected by Dedicated MPU
– ADC2: 16 channels
• Frequency-Modulated Phase-Locked-Loop
– 16 shared channels
(FMPLL) with Built-In Slip Detector
– 64 result buffers with parity protection each
• Separate Non-Modulating PLL for FlexRay
• Packages
• IEEE 1149.1 JTAG, Boundary Scan and ARM
– 144-pin Quad Flatpack (PGE) [Green]
CoreSight Components
– 337-Ball Grid Array (ZWT) [Green]
• JTAG Security Module
• Trace and Calibration Capabilities
– Embedded Trace Macrocell (ETM-R4)
– Data Modification Module (DMM)
– RAM Trace Port (RTP)
– Parameter Overlay Module (POM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - TMS570LS3137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS3137 TI1-TMS570LS3137 Datasheet
2Mb / 159P
TMS570LS3137 16/32-Bit RISC Flash Microcontroller
TMS570LS3137 TI1-TMS570LS3137 Datasheet
8Mb / 173P
TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
5Mb / 157P
16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS3137

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
16/32-Bit RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
TMS570LS3137 TI1-TMS570LS3137_12 Datasheet
2Mb / 159P
TMS570LS3137 16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
16/32-Bit RISC Flash Microcontroller
TMS570LS3137 TI1-TMS570LS3137_15 Datasheet
8Mb / 173P
TMS570LS3137 16- and 32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com