| Electronic Components Datasheet Search |
|
TMS570LS3137 Datasheet(PDF) 118 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS3137 Datasheet(HTML) 118 Page - Texas Instruments |
|
118 / 159 page ![]() TMS570LS3137 SPNS162. – SEPTEMBER 2011 www.ti.com Table 5-4. Alternate MIBADC1 Event Trigger Hookup (continued) Event # Source Select Bits for G1, G2 or Event Trigger (G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0]) 3 010 N2HET1[27] 4 011 RTI compare 0 interrupt 5 100 N2HET1[17] 6 101 N2HET1[19] 7 110 N2HET1[11] 8 111 N2HET2[13] The selection between the default MIBADC1 event trigger hook-up versus the alternate event trigger hook-up is done by multiplexing control module register 30 bits 0 and 1. If 30[0] = 1, then the default MibADC1 event trigger hook-up is used. If 30[0] = 0 and 30[1] = 1, then the alternate MibADC1 event trigger hook-up is used. NOTE For ADEVT trigger source, the connection to the MibADC1 module trigger input is made from the output side of the input buffer. This way, a trigger condition can be generated either by configuring ADEVT as an output function on to the pad (via the mux control), or by driving the ADEVT signal from an external trigger source as input. If the mux control module is used to select different functionality instead of the ADEVT signal, then care must be taken to disable ADEVT from triggering conversions; there is no multiplexing on the input connection. NOTE For N2HETx trigger sources, the connection to the MibADC1 module trigger input is made from the input side of the output buffer (at the N2HETx module boundary). This way, a trigger condition can be generated even if the N2HETx signal is not selected to be output on the pad. NOTE For the RTI compare 0 interrupt source, the connection is made directly from the output of the RTI module. That is, the interrupt condition can be used as a trigger source even if the actual interrupt is not signaled to the CPU. 5.2.2.3 Default MIBADC2 Event Trigger Hookup Table 5-5. MIBADC2 Event Trigger Hookup Event # Source Select Bits for G1, G2 or Event Trigger (G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0]) 1 000 AD2EVT 2 001 N2HET1[8] 3 010 N2HET1[10] 4 011 RTI compare 0 5 100 N2HET1[12] 6 101 N2HET1[14] 7 110 GIOB[0] 8 111 GIOB[1] 118 Peripheral Information and Electrical Specifications Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback focus.ti.com: TMS570LS3137 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |