Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2000 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2000 Datasheet HTML 22Page - Texas Instruments TSC2000 Datasheet HTML 23Page - Texas Instruments TSC2000 Datasheet HTML 24Page - Texas Instruments TSC2000 Datasheet HTML 25Page - Texas Instruments TSC2000 Datasheet HTML 26Page - Texas Instruments TSC2000 Datasheet HTML 27Page - Texas Instruments TSC2000 Datasheet HTML 28Page - Texas Instruments TSC2000 Datasheet HTML 29Page - Texas Instruments TSC2000 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
www.ti.com
TSC2000
SBAS257
FIGURE 15. X-Coordinate Reading Controlled by Host.
Screen
Touch
Issue Interrupt
PENIRQ
Go to Host-Controlled
Conversion
Host-Controlled
X-Coordinate
No
Start Clock
Reset PENIRQ
No
Is Panel Voltage
Stabilization Done
Turn On Drivers: X+, X–
Turn On Drivers: X+, X–
No
Yes
Yes
Yes
No
Is Data
Averaging Done
Convert X-Coordinates
Start Clock
Power Up A/D Converter
Is PSM = 1
Are Drivers On
Done
Done
Host Writes A/D
Converter
Control Register
Host Writes A/D
Converter-
Control Register
Done
Power Down A/D Converter
Turn Off Clock
Issue Data Available
Store X-Coordinates
in X-Register
Conversion Controlled by the Host
In this mode, the TSC2000 will detect when the touch panel
is touched and cause the PENIRQ line to go LOW. The host
will recognize the interrupt request. Instead of starting a
sequence in the TSC2000 which then reads each coordinate
in turn, the host now must control all aspects of the conver-
sion. Generally, upon receiving the interrupt request, the host
will turn on the Y-drivers. After waiting for the settling time,
the host will then address the TSC2000 again, this time
requesting an X-coordinate conversion.
The process is then repeated for Y- and Z-coordinates. The
processes are outlined in Figures 15 through 17.
The time needed to convert any single coordinate under host
control (not including the time needed to send the command
over the SPI bus) is given by:
(5)
t
2.125 s + t
N
N
1
f
s
COORDINATE
PVS
AVG
BITS
CONV
=µ
+
•
+
µ


44
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com