Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2000 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2000
Description  PDA ANALOG INTERFACE CIRCUIT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2000 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2000 Datasheet HTML 27Page - Texas Instruments TSC2000 Datasheet HTML 28Page - Texas Instruments TSC2000 Datasheet HTML 29Page - Texas Instruments TSC2000 Datasheet HTML 30Page - Texas Instruments TSC2000 Datasheet HTML 31Page - Texas Instruments TSC2000 Datasheet HTML 32Page - Texas Instruments TSC2000 Datasheet HTML 33Page - Texas Instruments TSC2000 Datasheet HTML 34Page - Texas Instruments TSC2000 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
31
www.ti.com
TSC2000
SBAS257
FIGURE 24. AUX1 Measurement Process.
FIGURE 25. AUX2 Measurement Process.
FIGURE 26. Port Scan Mode.
Host Writes
A/D Converter
Control Register
Start Clock
Port Scan
Done
Yes
No
Is Data
Averaging Done
Yes
No
Is Data
Averaging Done
Store Battery Input 1
in BAT1 Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Battery Input 1
Store Battery Input 2
in BAT2 Register
Convert
Battery Input 2
Yes
No
Is Data
Averaging Done
Yes
No
Is Data
Averaging Done
Store Auxiliary Input 1
in AUX1 Register
Convert
Auxiliary Input 1
Store Auxiliary Input 2
in AUX2 Register
Convert
Auxiliary Input 2
Issue Data Available
Power Down Reference
Turn Off Clock
Host Writes
A/D Converter
Control Register
Start Clock
Auxiliary Input 2
Done
Yes
No
Is Data
Averaging Done
Store Auxiliary Input 2
in AUX2 Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Auxiliary Input 2
Issue Data Available
Power Down Reference
Turn Off Clock
Host Writes
A/D Converter
Control Register
Start Clock
Auxiliary Input 1
Done
Yes
No
Is Data
Averaging Done
Store Auxiliary Input 1
in AUX1 Register
Power Down
A/D Converter
Power Up
A/D Converter
Power Up Reference
Convert
Auxiliary Input 1
Issue Data Available
Power Down Reference
Turn Off Clock
OPERATION—AUXILIARY MEASUREMENT
The two auxiliary voltage inputs can be measured in much
the same way as the battery inputs, as shown in Figures 24
and 25. Applications might include external temperature
sensing, ambient light monitoring for controlling the back-
light, or sensing the current drawn from the battery.
OPERATION—PORT SCAN
If making measurements of all the analog inputs (except the
touch screen) is desired on a periodic basis, the Port Scan
mode can be used. This mode causes the TSC2000 to
sample and convert both battery inputs and both auxiliary
inputs. At the end of this cycle, the battery and auxiliary result
registers will contain the latest values. Thus, with one write
to the TSC2000, the host can cause four different measure-
ments to be made.
The flowchart for this process is shown in Figure 26. The time
needed to make a complete port scan is given by:
t
7.5 s + t
+ 4N
N
1
f
4.4 s
READING
REF
AVG
BITS
CONV
=µ
+
µ


•
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com