Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S2BA-MU Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 14Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 15Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 16Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 17Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 18Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 19Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 20Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 21Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
18
6500CS–ATARM–24-Jan-11
SAM3S Summary
Figure 5-1.
Single Supply
Note:
Restrictions
With Main Supply < 2.0 V, USB and ADC/DAC and Analog comparator are not usable.
With Main Supply
≥ 2.0V and < 3V, USB is not usable.
With Main Supply
≥ 3V, all peripherals are usable.
Figure 5-2.
Core Externally Supplied
Note:
Restrictions
With Main Supply < 2.0V, USB is not usable.
With VDDIN < 2.0V, ADC/DAC and Analog comparator are not usable.
With Main Supply
≥ 2.0V and < 3V, USB is not usable.
With Main Supply and VDDIN
≥ 3V, all peripherals are usable.
Figure 5-3 below provides an example of the powering scheme when using a backup battery.
Since the PIO state is preserved when in backup mode, any free PIO line can be used to switch
off the external regulator by driving the PIO line at low level (PIO is input, pull-up enabled after
backup reset). External wake-up of the system can be from a push button or any signal. See
Section 5.6 “Wake-up Sources” for further details.
Main Supply
(1.8V-3.6V)
ADC, DAC
Analog Comp.
USB
Transceivers.
VDDIN
Voltage
Regulator
VDDOUT
VDDCORE
VDDIO
VDDPLL
Main Supply
(1.62V-3.6V)
Can be the
same supply
VDDCORE Supply
(1.62V-1.95V)
ADC, DAC, Analog
Comparator Supply
(2.0V-3.6V)
ADC, DAC
Analog Comp.
USB
Transceivers.
VDDIN
Voltage
Regulator
VDDOUT
VDDCORE
VDDIO
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com