Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S2BA-MU Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATSAM3S2BA-MU
Description  ARM-based Flash MCU
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2BA-MU Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATSAM3S2BA-MU Datasheet HTML 20Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 21Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 22Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 25Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM3S2BA-MU Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
24
6500CS–ATARM–24-Jan-11
SAM3S Summary
6.
Input/Output Lines
The SAM3S has several kinds of input/output (I/O) lines such as general purpose I/Os (GPIO)
and system I/Os. GPIOs can have alternate functionality due to multiplexing capabilities of the
PIO controllers. The same PIO line can be used whether in IO mode or by the multiplexed
peripheral. System I/Os include pins such as test pins, oscillators, erase or analog inputs.
6.1
General Purpose I/O Lines
GPIO Lines are managed by PIO Controllers. All I/Os have several input or output modes such
as pull-up or pull-down, input Schmitt triggers, multi-drive (open-drain), glitch filters, debouncing
or input change interrupt. Programming of these modes is performed independently for each I/O
line through the PIO controller user interface. For more details, refer to the product PIO control-
ler section.
The input output buffers of the PIO lines are supplied through VDDIO power supply rail.
The SAM3S embeds high speed pads able to handle up to 32 MHz for HSMCI (MCK/2), 45 MHz
for SPI clock lines and 35 MHz on other lines. See AC Characteristics Section in the Electrical
Characteristics Section of the datasheet for more details. Typical pull-up and pull-down value is
100 k
Ω for all I/Os.
Each I/O line also embeds an ODT (On-Die Termination), see Figure 6-1. It consists of an inter-
nal series resistor termination scheme for impedance matching between the driver output
(SAM3S) and the PCB trace impedance preventing signal reflection. The series resistor helps to
reduce IOs switching current (di/dt) thereby reducing in turn, EMI. It also decreases overshoot
and undershoot (ringing) due to inductance of interconnect between devices or between boards.
In conclusion ODT helps diminish signal integrity issues.
Figure 6-1.
On-Die Termination
6.2
System I/O Lines
System I/O lines are pins used by oscillators, test mode, reset and JTAG to name but a few.
Described below are the SAM3S system I/O lines shared with PIO lines:
These pins are software configurable as general purpose I/O or system pins. At startup the
default function of these pins is always used.
PCB Trace
Z0 ~ 50 Ohms
Receiver
SAM3 Driver with
Rodt
Zout ~ 10 Ohms
Z0 ~ Zout + Rodt
ODT
36 Ohms Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com