Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPWR-AN08 Datasheet(PDF) 4 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 4 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Application Considerations for SiC MOSFETs
January 2011
CPWR-AN08, REV -
Application Considerations for SiC MOSFETs -
January 2011
This document is provided for informational purposes only and is not a warranty or a specification.
For product specifications, please see the data sheets available at www.cree.com/power. For warranty
information, please contact Cree Sales at PowerSales@cree.com.
ramifications of the modestly higher gate voltage and lower gate charge can be reconciled by using the
product of gate charge and gate voltage as a metric of gate energy. The
comparison is shown in Figure 4. Even though the operating conditions are not exactly matched, the
results of this comparison show that the
other devices. Therefore, the higher voltage swing does not adversely affect
requirements. The CMF20120D VGS
is usually experienced with other gate controlled silicon devices.
observed in typical silicon MOSFETs and IGBTs. Once again, this is primarily due the mode
transconductance.
Gate Charge Comparison
Figure 4
A popular figure of merit when comparing
Minimization of the figure of merit is an indicator of
CMF20120D and the other Si MOSF
32.4
*nC. The figure of merit of the
kV part whereas the Si SJMOSFET is rated at only 900 V.
5
ramifications of the modestly higher gate voltage and lower gate charge can be reconciled by using the
product of gate charge and gate voltage as a metric of gate energy. The gate charge and gate energy
Even though the operating conditions are not exactly matched, the
results of this comparison show that the CMF20120D gate energy is comparable to or lower than the
the higher voltage swing does not adversely affect gate drive power
GS versus gate charge characteristics are somewhat different from what
is usually experienced with other gate controlled silicon devices. The Miller plateau is not as flat as
observed in typical silicon MOSFETs and IGBTs. Once again, this is primarily due the mode
Gate Charge Comparison
Gate Energy Comparison
Figure 4: Gate charge and energy comparison
en comparing MOSFETs is the product of RDS(on) and total gate c
of merit is an indicator of the superior part. A comparison between the
and the other Si MOSFETs is shown in Figure 5. The Si SJMOSFET has a figure of merit of
. The figure of merit of the CMF20120D is 7.12
*nC. Furthermore, the CMF20120D
SJMOSFET is rated at only 900 V.
1.75
2.09
2.57
0
1
2
3
4
5
6
ramifications of the modestly higher gate voltage and lower gate charge can be reconciled by using the
gate charge and gate energy
Even though the operating conditions are not exactly matched, the
comparable to or lower than the
gate drive power
versus gate charge characteristics are somewhat different from what
is not as flat as
observed in typical silicon MOSFETs and IGBTs. Once again, this is primarily due the modest amount of
Gate Energy Comparison
and total gate charge [6].
A comparison between the
as a figure of merit of
CMF20120D is a 1.2
2.70
5.44
Figure 5: Qg*RDS(on) Figure of Merit Comparison



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com