Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPWR-AN08 Datasheet(PDF) 6 Page - Cree, Inc

Part # CPWR-AN08
Description  Application Considerations for Silicon Carbide MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CPWR-AN08 Datasheet(HTML) 6 Page - Cree, Inc

  CPWR-AN08 Datasheet HTML 1Page - Cree, Inc CPWR-AN08 Datasheet HTML 2Page - Cree, Inc CPWR-AN08 Datasheet HTML 3Page - Cree, Inc CPWR-AN08 Datasheet HTML 4Page - Cree, Inc CPWR-AN08 Datasheet HTML 5Page - Cree, Inc CPWR-AN08 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6
CPWR-AN08, REV -
Application Considerations for SiC MOSFETs -
January 2011
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo, and Zero
Recovery are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5451
www.cree.com/power
This document is provided for informational purposes only and is not a warranty or a specification. This product is currently
available for evaluation and testing purposes only, and is provided “as is” without warranty. For preliminary, non-binding product
specifications, please see the preliminary data sheet available at www.cree.com/power.
Application Considerations for SiC MOSFETs
January 2011
7
The CMF20120D has definite system advantages over competing Si switching devices. However, its
unique operating characteristics need to be carefully considered to fully realize these advantages. The
gate driver needs to be capable of providing +20V and -2V to -5V negative bias with minimum output
impedance and high current capability. The parasitics between the gate driver and the CMF20120D need
to be minimized (close location, separate source return, etc.) to assure that the gate pulse has a fast rise
and fall time with good fidelity. The fast switching speed of the CMF20120D can result in higher ringing
and voltage overshoots. The effects of parasitics in the high current paths need to be carefully assessed.
References:
[1] R. J. Callanan, A. Agarwal, A Burk, M. Das, B. Hull, F. Husna, A. Powell, J. Richmond, Sei-Hyung
Ryu, and Q. Zhang, “Recent Progress in SiC DMOSFETs and JBS Diodes at Cree”, IEEE Industrial
Electronics 34
th Annual Conference – IECON 2008, pp 2885 – 2890, 10 – 13 Nov. 2008,
[2] Infineon IPW90R120C3 CoolMOS Datasheet, Rev 1.0, 2008-07-30.
http://www.infineon.com/cms/en/product/findProductTypeByName.html?q=IPW90R120C3
[3] Fairchild FGA20N120FGD Datasheet, Rev A, December 2007
http://www.fairchildsemi.com/ds/FG%2FFGA20N120FTD.pdf
[4] International Rectifier IRGP20B120U-E Datasheet, PD-94117, 3/6/2001 http://www.irf.com/product-
info/datasheets/data/irgp20b120u-e.pdf
[5]
Microsemi APT34M120J Datasheet, 050-8088 Rev A, 2-2007
http://www.microsemi.com/datasheets/APT34M120J_A.PDF
[6] F. Bjoerk, J. Handcock, and G. Deboy, “CoolMOSTM CP – How to make most beneficial use of the
latest generation of super junction technology devices”, Infineon Application Note AN-CoolMOS-CP-
01, Version 1.1, Feb 2007.
http://www.infineon.com/dgdl/Aplication+Note+CoolMOS+CP+(+AN_CoolMOS_CP_01_Rev.+1.2).pdf
?folderId=db3a304412b407950112b408e8c90004&fileId=db3a304412b407950112b40ac9a40688
Summary



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com