Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-E-HEW Datasheet(PDF) 2 Page - Cree, Inc

Part # XP-E-HEW
Description  Cree® XLamp® XP-E High-Efficiency White LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E-HEW Datasheet(HTML) 2 Page - Cree, Inc

  XP-E-HEW Datasheet HTML 1Page - Cree, Inc XP-E-HEW Datasheet HTML 2Page - Cree, Inc XP-E-HEW Datasheet HTML 3Page - Cree, Inc XP-E-HEW Datasheet HTML 4Page - Cree, Inc XP-E-HEW Datasheet HTML 5Page - Cree, Inc XP-E-HEW Datasheet HTML 6Page - Cree, Inc XP-E-HEW Datasheet HTML 7Page - Cree, Inc XP-E-HEW Datasheet HTML 8Page - Cree, Inc XP-E-HEW Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
XLAMP XP-E HIGH-EFFICIENCY WHITE LEDS
FLUX CHARACTERISTICS (T
J = 25°C) - WHITE
The following table provides several base order codes for XLamp XP-E HEW LEDs. It is important to note that the base
order codes listed here are a subset of the total available order codes for the product family. For more order codes, as
well as a complete description of the order-code nomenclature, please consult the XLamp XP Family Binning and Label-
ing document.
Color
CCT Range
Base Order Codes
Min Luminous Flux @
350 mA (lm)
Order Code
Min.
Max.
Group
Flux (lm)
Cool White
5,000 K
8,300 K
R3
122
XPEHEW-L1-0000-00F51
R4
130
XPEHEW-L1-0000-00G51
Outdoor White
2,600 K
5,300 K
R2
114
XPEHEW-01-0000-00EC2
R3
122
XPEHEW-01-0000-00FC2
Neutral White
3,700 K
5,000 K
Q5
107
XPEHEW-L1-0000-00DE4
R2
114
XPEHEW-L1-0000-00EE4
80-CRI White
2,600 K
4,300 K
Q3
93.9
XPEHEW-H1-0000-00BE7
Q4
100
XPEHEW-H1-0000-00CE7
Warm White
2,600 K
3,700 K
Q3
93.9
XPEHEW-L1-0000-00BE7
Q4
100
XPEHEW-L1-0000-00CE7
85-CRI White
2,600 K
3,200 K
P4
80.6
XPEHEW-P1-0000-009E7
Q2
87.4
XPEHEW-P1-0000-00AE7
90-CRI White
2,600 K
3,200 K
P4
80.6
XPEHEW-U1-0000-009E7
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements and ±2 on CRI measurements.
•
Typical CRI for Cool White (5,000 K - 8,300 K CCT) is 68.
•
Typical CRI for Neutral White (3,700 K - 5,000 K CCT) is 75.
•
Typical CRI for Outdoor White (2,600 K - 5,300 K CCT) is 70.
•
Typical CRI for Warm White (2,600 K - 3,700 K CCT) is 80.
•
Minimum CRI for 80-CRI White is 80.
•
Minimum CRI for 85-CRI White is 85.
•
Minimum CRI for 90-CRI White is 90.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com