Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-E-HEW Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-E-HEW
Description  Cree® XLamp® XP-E High-Efficiency White LEDs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E-HEW Datasheet(HTML) 1 Page - Cree, Inc

  XP-E-HEW Datasheet HTML 1Page - Cree, Inc XP-E-HEW Datasheet HTML 2Page - Cree, Inc XP-E-HEW Datasheet HTML 3Page - Cree, Inc XP-E-HEW Datasheet HTML 4Page - Cree, Inc XP-E-HEW Datasheet HTML 5Page - Cree, Inc XP-E-HEW Datasheet HTML 6Page - Cree, Inc XP-E-HEW Datasheet HTML 7Page - Cree, Inc XP-E-HEW Datasheet HTML 8Page - Cree, Inc XP-E-HEW Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree
® XLamp® XP-E High-Efficiency White LEDs
PRODUCT DESCRIPTION
XLamp XP-E High-Efficiency White
LEDs upgrade the XLamp XP-E to
leading performance levels for dif-
fuse lighting applications. XP-E HEW
is designed to enable faster adop-
tion of LED light in cost-sensitive,
consumer lighting products. Com-
pared to the standard XLamp XP-E,
XP-E HEW can reduce LED count by
50% and still deliver the same sys-
tem performance.
Cree XLamp LEDs bring high per-
formance and quality of light to
a wide range of lighting applica-
tions,
including
color-changing,
portable and personal, outdoor,
indoor-directional,
transportation,
stage and studio, commercial and
emergency-vehicle lighting.
FEATURES
•
Light output and efficacy similar
to XLamp XP-G
•
Maximum drive current: 1000
mA
•
Low thermal resistance: 6°C/W
•
Maximum
junction
tempera-
ture: 150°C
•
Wide viewing angle: 120°
•
Reflow solderable - JEDEC J-
STD-020C compatible
•
Electrically neutral thermal path
TABLE OF CONTENTS
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Flux Characteristics
(T
J = 25°C) - White .................. 2
Characteristics ......................... 3
Relative Spectral Power
Distribution.............................. 3
Relative Flux vs. Junction
Temperature (I
F = 350 mA)........ 4
Electrical Characteristics
(T
J = 25°C).............................. 5
Thermal Design........................ 5
Relative
Flux
vs.
Current
(T
J = 25°C).............................. 6
Typical Spatial Distribution......... 6
Reflow Soldering Characteristics . 7
Notes...................................... 8
Mechanical Dimensions
(T
A = 25°C) ............................. 9
Tape and Reel ........................ 10
Packaging.............................. 11


Similar Part No. - XP-E-HEW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E CREE-XP-E Datasheet
1Mb / 16P
Cree® XLamp® XP-E LEDs
REV 12
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
More results

Similar Description - XP-E-HEW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com