Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 5Page - Texas Instruments TMP006 Datasheet HTML 6Page - Texas Instruments TMP006 Datasheet HTML 7Page - Texas Instruments TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments TMP006 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TMP006
www.ti.com
SBOS518A
– MAY 2011 – REVISED JULY 2011
POINTER REGISTER
The TMP006 has an 8-bit pointer used to address a given data register, as shown in Table 3. The pointer
identifies which of the data registers should respond to a read or write command on the two-wire bus. This
register is set with every write command. A write command must be issued to set the proper value in the pointer
before executing a read command. The power-on reset (POR) value of the pointer is 00h; this value selects the
thermopile sensor voltage, VOBJECT.
Table 3. Pointer Register (Write-Only)
Register
P7
P6
P5
P4
P3
P2
P1
P0
Reset value
0
0
0
0
0
0
0
0
SENSOR VOLTAGE REGISTER (VOBJECT)
The Sensor Voltage Register is a 16-bit result register in binary twos complement format. One least significant bit
(LSB) is 156.25 nV. The full-scale value is a
±5.12 mV signal. Data from this register (Table 4) are used in
conjunction with the data from the Temperature Register to calculate the object temperature. Table 4
summarizes the Sensor Voltage Register. The equation for the resultant object temperature is discussed in the
TMP006 User Guide (SBOU107).
Table 4. Sensor Voltage Register (Read-Only)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
VOBJECT
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
00h
Reset value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com