Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP006
Description  Infrared Thermopile Sensor in Chip-Scale Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP006 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP006 Datasheet HTML 8Page - Texas Instruments TMP006 Datasheet HTML 9Page - Texas Instruments TMP006 Datasheet HTML 10Page - Texas Instruments TMP006 Datasheet HTML 11Page - Texas Instruments TMP006 Datasheet HTML 12Page - Texas Instruments TMP006 Datasheet HTML 13Page - Texas Instruments TMP006 Datasheet HTML 14Page - Texas Instruments TMP006 Datasheet HTML 15Page - Texas Instruments TMP006 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
TMP006
SBOS518A
– MAY 2011 – REVISED JULY 2011
www.ti.com
CONFIGURATION REGISTER
Table 8 describes the Configuration Register. This register determines the operational modes, conversion rate,
DRDY control, initiates a single conversion, performs a software reset, or puts the device into shutdown mode.
This register is read/write, and the pointer address is 02h.
Table 8. Configuration Register (Read/Write)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
Configuration
RST
MOD2
MOD1
MOD0
CR2
CR1
CR0
EN
DRDY
0
0
0
0
0
0
0
02h
Reset value
0
1
1
1
0
1
0
0
0
0
0
0
0
0
0
0
Bit [15]
RST: Software reset bit
0 = Normal operation, this bit self clears
1 = Software reset
Bits [14:12]
MOD[2:0]: Mode of operation
000 = Power-down
111 = Sensor and ambient continuous conversion (MOD)
Bits [11:9]
CR[2:0]: ADC conversion rate
See Table 9.
Bit [8]
EN: DRDY enable bit
0 = DRDY pin disabled
1 = DRDY pin enabled
Bit [7]
DRDY: Data ready bit
0 = Conversion in progress
1 = Object voltage and ambient temperature results are ready to read. A temperature or sensor voltage read or a write to
the Configuration Register is required to clear the condition.
Bits [6:0]
Unused [6:0]
The TMP006 can operate in two modes: continuous and shutdown. A software reset function is also available.
Selecting the desired operating mode is done by writing to the Configuration Register conversion mode select
bits MOD[2:0]. The duration of the analog-to-digital (A/D) conversion is determined by the conversion rate bits
CR[2:0] and is listed in Table 9. Continuous mode, on the other hand, performs an A/D conversion followed by a
low-power delay in order to reduce the average power consumption. Multiple options for the conversion time and
delay time are available in order to select the desired power/noise performance. Initiating power-down has an
immediate effect; it aborts the current conversion and puts the device into a low-power shutdown mode. RST, or
software reset, is also immediate and initializes all memory locations with the respective reset values.
Table 9. Conversion Rate
TOTAL NUMBER OF
PEAK-PEAK NOISE
CONVERSION RATE
CR2
CR1
CR0
AVERAGED
AVERAGE IQ (μA)
OF THE TObject
(conv/sec)
SAMPLES
RESULT (
°C)
0
0
0
4
1
240
0.5
0
0
1
2
2
240
0.35
0
1
0
1
4
240
0.25 (default)
0
1
1
0.5
8
240
0.18
1
0
0
0.25
16
240
0.125
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com