Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR013V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-TDR013V1
Description  Demonstration board using the PD84002 for UHF RFID reader
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-TDR013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STEVAL-TDR013V1
Test circuit
Doc ID 18013 Rev 1
7/16
5
Test circuit
Figure 7.
Test circuit schematic
R2
PD84002
LDMOS
TL3
TL1
TL2
C4
RFin
R1
C6
C7
C8
R3
C1
C11
TL6
C5
RFout
C2
C9
Vcc
2 -
1 +
FR4
H=20 mil
MSub
TL5
TL4
B2
L1
C10
C3
B1
Table 5.
Part list
Component ID
Description
Value
Case size
Manufacturer
Part code
B1
Ferrite Bead
Panasonic
EXCELDRC35C
B2
Ferrite Bead
Panasonic
EXCELDRC35C
C1, C2
Capacitor
120 pF
0603
Murata
GRM39-C0G121J50D500
C3
Capacitor
1 uF
0603
Murata
GRM39-X5R105K16D52K
C4, C5
Capacitor
39 pF
0603
Murata
GRM39-C0G390J50D500
C6, C10
Capacitor
3.3 pF
0603
Murata
GRM39-C0G3R3C50Z500
C7
Capacitor
8.2 pF
0603
Murata
GRM39-C0G8R2D50Z500
C8
Capacitor
22 pF
0603
Murata
GRM39-C0G220J50D500
C9
Capacitor
12 pF
0603
Murata
GRM39-C0G120J50D500
C11
Capacitor
2.7 pF
0603
Murata
GRM39-C0G2R7C50Z500
L1
Inductor
12.55 nH
Coilcraft
1606-10
R1
Resistor
150
Ω
0603
Tyco electronics
R2
Potentiometer
10 K
Ω
Bourns electronics
3214W-1-103E
R3
Resistor
1 K
0603
Tyco electronics
01623440-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com