Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR013V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TDR013V1
Description  Demonstration board using the PD84002 for UHF RFID reader
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR013V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR013V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2010
Doc ID 18013 Rev 1
1/16
16
STEVAL-TDR013V1
Demonstration board using the PD84002 for UHF RFID reader
Features
■ Excellent thermal stability
■ Frequency: 8
■ 860 - 960 MHz
■ Supply voltage: 7.2 V
■ Output power: 2 W
■ Power gain: 13.9
±0.5 dB
■ Efficiency: 60 % - 63 %
■ Load mismatch: 20:1
■ BeO-free amplifier
Description
The STEVAL-TDR013V1 is an evaluation board
using PD84002 LDMOS transistor and designed
for UHF RFID reader and 2-way radio
applications.
For additional information on PD84002, please
refer to its datasheet.
Table 1.
Device summary
Order code
STEVAL-TDR013V1
Mechanical specification:
L = 60 mm, W = 30 mm
www.st.com


Similar Part No. - STEVAL-TDR013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
02-Apr-2010
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
2-stage RF power amplifier
31-Mar-2010
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
STEVAL-TDR016V1 STMICROELECTRONICS-STEVAL-TDR016V1 Datasheet
248Kb / 13P
RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
27-Sep-2010
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
11-Oct-2010
More results

Similar Description - STEVAL-TDR013V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
STMicroelectronics
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
11-Oct-2010
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
Demonstration board using the PD85004 for 900 MHz 2-way radio
12-Oct-2010
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
Demonstration board based on the PD55008-E for UHF mobile radio
18-Oct-2010
logo
rfsolutions.ltd
UNI_RS232_USB RFSOLUTIONS-UNI_RS232_USB Datasheet
448Kb / 9P
The Universal RFID Socket board is the baseboard for the MicroRWD RFID reader modules from IB Technology.
logo
STMicroelectronics
AN3028 STMICROELECTRONICS-AN3028 Datasheet
1Mb / 37P
demonstration board using the VIPer16LN
01-Aug-2011
AN3255 STMICROELECTRONICS-AN3255 Datasheet
464Kb / 24P
Building an RFID short-range reader using the STM8S-DISCOVERY
12-Oct-2010
STEVAL-IPR001V1 STMICROELECTRONICS-STEVAL-IPR001V1 Datasheet
137Kb / 5P
RFID reader evaluation board
26-Nov-2007
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
ST25RU3993 RAIN® (UHF) RFID reader IC evaluation board
Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com