Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ95B25 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LZ95B25
Description  Subcarrier Generator LSl for CCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ95B25 Datasheet(HTML) 2 Page - Sharp Corporation

  LZ95B25 Datasheet HTML 1Page - Sharp Corporation LZ95B25 Datasheet HTML 2Page - Sharp Corporation LZ95B25 Datasheet HTML 3Page - Sharp Corporation LZ95B25 Datasheet HTML 4Page - Sharp Corporation LZ95B25 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
SYMBOL
RATING
UNIT
Supply voltage
Vcc
–0.3 to
v
Input voltage
VI
to
+
0.3
v
Output voltage
Vo
0.3 to
+ 0.3
v
Operating temperature
Topr
–20 to
‘c
Storage temperature
Tstg
–55 to +150
“c
DC CHARACTERISTICS
Ta=–10
to
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Input Low voltage
1.5
v
1
Input High voltage
3.5
v
v
1.0
2
Input Low current
Vl=o v
60
VI=
4
Input High current
VI=
8.0
60
5
1
4.0
v
6
Output High voltage
I
4.0
v
7
4,0
v
8
= 4
0.4
v
6
Output Low voltage
= 2
v
7
v0L3
v
8
Leak output current
Ioz
High-Z
1.0
NOTES :
1. Applied to inputs (IC,
2. Applied to inputs (lCD,
3. Applied to input
4. Applied to inputs
5. Applied to input (lCD).
6. Applied to outputs (O,
7. Applied to output
Applied to
output
300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com