Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ95B25 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LZ95B25
Description  Subcarrier Generator LSl for CCD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ95B25 Datasheet(HTML) 3 Page - Sharp Corporation

  LZ95B25 Datasheet HTML 1Page - Sharp Corporation LZ95B25 Datasheet HTML 2Page - Sharp Corporation LZ95B25 Datasheet HTML 3Page - Sharp Corporation LZ95B25 Datasheet HTML 4Page - Sharp Corporation LZ95B25 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SYMBOL
I POLARITY I
PIN NAME
FUNCTION
_..
TVM
Icu
TV mode 1
These input pins to select TV standards.
2
TVM2
TV mode 2
An input pin for the signal 4 times the color
carrier frequency.
3
4FSI
input
At NTSC mode
: 14.31818 MHz
At PAL mode
: 17.734475 MHz
At SECAM mode : 17.625 MHz
4
4FS0
Osco
Clock output
The output is the inverse 4FSI (pin 4).
5
TSTI
Test pin 1
A test pin, Set open or to L level in the Normal
mode,
An output pin
color
The frequency of
6
02 M
output 1
the signals is 1/4 the 4FSI (pin 3). The signal is
reset by color frame pulse
(pin 13).
An output pin for color
When the phase
of
(pin 4) is 180 degree, the phase of
is
7
SC2
02 M
output 2
80 degree in NTSC
in PAL mode, the phase
of SC2 is
degree when LSW
is L level
and 270 degree when LSW is H level. The SC
is
same as the phase of SC I in SECAM mode.
8
TST2
ICD
Test pin 2
A test pin. Set open or to L level in the Normal
mode.
9
GND
Ground
A grounding pin.
Phase comparator output for input signals RPI (pin
14) and
(pin 16). When
is advanced, output
Phase comparator
10
TO
is Low level. When
is delayed, output is High
output
level. When phases are equal, the terminal
ance is High.
comparator comparates rising
edge of
The CPCH input pin switches the polarity of RPI
(pin
When CPCH is L level,
comparator
11
CPCH
Polarity select input
comparates rising edge of
When CPCH is H
level, phase comparator comparates falling edge
of
12
TST3
Test pin 3
A test pin. Set open or to L level in the Normal
mode.
13
Color frame input
An input pin for color frame signal; Connect to
CFMO
301



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com