Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ9FD34 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LZ9FD34
Description  Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9FD34 Datasheet(HTML) 1 Page - Sharp Corporation

  LZ9FD34 Datasheet HTML 1Page - Sharp Corporation LZ9FD34 Datasheet HTML 2Page - Sharp Corporation LZ9FD34 Datasheet HTML 3Page - Sharp Corporation LZ9FD34 Datasheet HTML 4Page - Sharp Corporation LZ9FD34 Datasheet HTML 5Page - Sharp Corporation LZ9FD34 Datasheet HTML 6Page - Sharp Corporation LZ9FD34 Datasheet HTML 7Page - Sharp Corporation LZ9FD34 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
LZ9FD34
DESCRIPTION
The LZ9FD34 is a CMOS single-chip driver IC which
generates timing pulses for driving 270 k/320 k/
410 k/470 k-pixel B/W CCD area sensors, syn-
chronous pulses for TV signals and processing for
video signals.
FEATURES
• Designed for B/W CCD area sensors with 270 k/
320 k/410 k/470 k-pixel
• Switchable between EIA and CCIR modes
• Electronic shutter and EE control are possible
• Maximum shutter speed is 1/100 000 s
• Flicker-less function
• Non-interlace mode is possible
• External synchronization is possible
• Single +5 V power supply
• Field accumulation mode and frame accumu-
lation mode are possible
• Package :
48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch
PIN CONNECTIONS
LZ9FD34
Single-chip Driver IC for 270 k/320 k/
410 k/470 k-pixel B/W CCDs
1
48 47 46 45 44 43 42 41 40 39
37
13 14 15 16 17 18 19 20 21 22 23 24
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TST1
TST2
VRI
TVMD
CSYN
VDD
GND
CBLK
HD
VD
HBLK
TST3
OFDX
VH3X
VH1X
V4X
V3X
GND
VDD
V2X
V1X
TST7
CCD
TST6
38
48-PIN QFP
TOP VIEW
(QFP048-P-0707)


Similar Part No. - LZ9FD34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9FC23 SHARP-LZ9FC23 Datasheet
845Kb / 23P
LZ9F SERIES 7000 GATES GATE ARRAY
More results

Similar Description - LZ9FD34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
logo
Cypress Semiconductor
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
logo
METZ CONNECT GmbH
130B22-E METZ-130B22-E Datasheet
1Mb / 9P
C6Amodul K 270° jack - keystone style
2023/02/15 Version: AO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com