Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ9FD34 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LZ9FD34
Description  Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9FD34 Datasheet(HTML) 7 Page - Sharp Corporation

  LZ9FD34 Datasheet HTML 1Page - Sharp Corporation LZ9FD34 Datasheet HTML 2Page - Sharp Corporation LZ9FD34 Datasheet HTML 3Page - Sharp Corporation LZ9FD34 Datasheet HTML 4Page - Sharp Corporation LZ9FD34 Datasheet HTML 5Page - Sharp Corporation LZ9FD34 Datasheet HTML 6Page - Sharp Corporation LZ9FD34 Datasheet HTML 7Page - Sharp Corporation LZ9FD34 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LZ9FD34
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 5.0±0.5 V, TOPR = –30 to +70 ˚C)
NOTES :
1. Applied to inputs (IC, ICD, ICU, OSCI).
2. Applied to input (ICSU).
3. Applied to inputs (IC, OSCI).
4. Applied to inputs (ICU, ICSU).
5. Applied to input (ICD).
6. Applied to output (OSC3M). (Output (OSC3M) measures
on condition that input (OSCI) level is 0 V or VDD.)
7. Applied to output (O).
8. Applied to output (O4MA2).
9. Applied to output (O4MA3).
10. Applied to output (ON).
PARAMETER
SYMBOL
RATING
UNIT
Supply voltage
VDD
–0.3 to +6.0
V
Input voltage
VI
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Operating temperature
TOPR
–30 to +70
˚C
Storage temperature
TSTG
–55 to +150
˚C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NOTE
Input "Low" voltage
VIL
1.5
V
Input "High" voltage
VIH
3.5
V
Input "Low" voltage
VT+
3.7
V
VT–
1.0
V
Hysteresis voltage
VT+ – VT–
0.2
V
Input "Low" current
|IIL1|VI = 0 V
2.0
µA
|IIH1|VI = VDD
2.0
µA
Input "Low" current
|IIL2|VI = 0 V
8.0
75
µA
|IIH2|VI = VDD
2.0
µA
Output "High" voltage
VOH1
IOH = –3 mA
4.0
V
Output "Low" voltage
VOL1
IOL = 3 mA
0.4
V
Output "High" voltage
VOH2
IOH = –2 mA
4.0
V
Output "Low" voltage
VOL2
IOL = 4 mA
0.4
V
Output "High" voltage
VOH3
IOH = –6 mA
4.0
V
Output "Low" voltage
VOL3
IOL = 8 mA
0.4
V
Output "High" voltage
VOH4
IOH = –9 mA
4.0
V
Output "Low" voltage
VOL4
IOL = 12 mA
0.4
V
Output "Low" voltage
VOL5
IOL = 4 mA
0.4
V
Output leakage current
|IOZ|
High-Z
1.0
µA
1
2
3
4
6
7
8
9
10
Input "High" voltage
Input "High" current
Input "High" current
Input "High" current
µA
75
8.0
VI = VDD
|IIH3|
Input "Low" current
5
µA
2.0
VI = 0 V
|IIL3|



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com