Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q67Q Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3Q67Q
Description  Mini-falt Package, General Purpose Half Pitch Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q67Q Datasheet(HTML) 1 Page - Sharp Corporation

  PC3Q67Q Datasheet HTML 1Page - Sharp Corporation PC3Q67Q Datasheet HTML 2Page - Sharp Corporation PC3Q67Q Datasheet HTML 3Page - Sharp Corporation PC3Q67Q Datasheet HTML 4Page - Sharp Corporation PC3Q67Q Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC3H7/PC3Q67Q
PC3H7/PC3Q67Q
s Package Specifications
s Outline Dimensions
(Unit : mm)
Mini-falt Package, General
Purpose Half Pitch
Photocoupler
1. Programmable controllers
s Features
s Applications
1. Mini-flat package
2. Half pitch type (lead pitch : 1.27mm)
3. Isolation voltage (Viso : 2 500Vrms)
4. Applicable to infrared ray reflow (230˚C, for MAX. 30s)
5. High reliability
6. Taping package PC3H7 (1ch) PC3Q67Q (4ch)
7. Recognized by UL, file No. E64380
Approved by VDE, No.5922UG
Model No.
PC3H7
PC3Q67Q
Taping specifications
Taping reel diameter 330mm (3 000pcs.)
Taping reel diameter 330mm (1 000pcs.)
s Absolute Maximum Ratings
Parameter
Rating
Collector-emitter
voltage
PC3H7
PC3Q67Q
Emitter-collector voltage
Collector current
Operating temperature
Symbol
IF
IFM
P
VCEO
VCEO
VECO
IC
PC
Ptot
Viso
Topr
Tstg
Tsol
50
1
70
70
6
50
150
170
2.5
−30 to +100
−40 to +125
260
*1 Pulse width
<=100µs, Duty ratio : 0.001
*2 AC for 1min, 40 to 60%RH, f
=60Hz
*3 For 10s
Forward current
Power dissipation
Collector power dissipation
Total power dissipation
Storage temperature
*3
Soldering temperature
*2
Isolation voltage
*1
Peak forward current
Unit
mA
A
mW
VR
6
Reverse voltage
V
V
35
V
V
mA
mW
mW
˚C
˚C
˚C
kVrms
(Ta
=25˚C)
S
3H7
1
2
4
3
4
2
1
3
4.4±
0.2
5.3±
0.3
7.0+
0.2
−0.7
(1.7)
0.5+
0.4
−0.2
1
2
3
4
Anode
Cathode
Emitter
Collector
Internal connection diagram
g ( ) : Reference dimensions
Anode mark
Epoxy resin
Parting line
Model No.
C0.4
Epoxy resin
6
°
Primary
Side
mark
10.3±
0.3
1.27±
0.25
16
1
8
9
0.5+
0.4
−0.2
7.0+
0.2
−0.7
0.4±
0.1
5.3±
0.3
Internal connection diagram
Anode
Cathode
Emitter
Collector
12
3
4
5
6
7
8
2 4 6 8
10 12 14 16
9 11 13 15
1 3 5 7
16
15
14
13
12
11
10
9
Soldering area
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/
PC3H7
PC3Q67Q


Similar Part No. - PC3Q67Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q67QJ000F SHARP-PC3Q67QJ000F Datasheet
224Kb / 13P
Mini-flat Half Pitch 4-channel Package, General Purpose Photocoupler
More results

Similar Description - PC3Q67Q

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
Mini-falt Package AC Input Type Half Pitch Photocoupler
PC357NJ0000F SHARP-PC357NJ0000F Datasheet
230Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
Mini-flat Package,General Purpose Photocoupler
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
Mini-flat Half Pitch Package, General Purpose Photocoupler
PC357N4TJ00F SHARP-PC357N4TJ00F Datasheet
416Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
194Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC3Q67QJ000F SHARP-PC3Q67QJ000F Datasheet
224Kb / 13P
Mini-flat Half Pitch 4-channel Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com