Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3Q67Q Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC3Q67Q
Description  Mini-falt Package, General Purpose Half Pitch Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q67Q Datasheet(HTML) 3 Page - Sharp Corporation

  PC3Q67Q Datasheet HTML 1Page - Sharp Corporation PC3Q67Q Datasheet HTML 2Page - Sharp Corporation PC3Q67Q Datasheet HTML 3Page - Sharp Corporation PC3Q67Q Datasheet HTML 4Page - Sharp Corporation PC3Q67Q Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PC3H7/PC3Q67Q
0
250
200
150
170
100
50
−30
0
25
50
75
100
Ambient temperature Ta (°C)
Forward voltage VF (V)
50
˚C
25
˚C
0
˚C
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
−25˚C
Ta
=75˚C
0
200
150
100
50
−30
0
25
50
75
100
125
Ambient temperature Ta (°C)
Pulse width
<=100µs
Ta=25°C
5
10000
5000
2000
1000
500
200
100
50
20
10
5
2
10−3
5
2
10−2
5
2
10−1
5
1
Duty ratio
0
500
400
300
200
100
0.1
1
10
100
Forward current IF (mA)
VCE=5V
Ta=25°C
0
50
40
30
20
10
0
2
4
6
8
10
Collector-emitter voltage VCE (V)
1mA
5mA
10mA
20mA
IF=30mA
PC (max)
Ta=25°C
Fig.7 Current Transfer Ratio vs. Forward
Current
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Total Power Dissipation vs. Ambient
Temperature
Fig.6 Forward Current vs. Forward Voltage
Fig.5 Peak Forward Current vs. Duty Ratio
Fig.8 Collector Current vs. Collector-emitter
Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com