Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS027B7DH01 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 3Page - Sharp Corporation LS027B7DH01 Datasheet HTML 4Page - Sharp Corporation LS027B7DH01 Datasheet HTML 5Page - Sharp Corporation LS027B7DH01 Datasheet HTML 6Page - Sharp Corporation LS027B7DH01 Datasheet HTML 7Page - Sharp Corporation LS027B7DH01 Datasheet HTML 8Page - Sharp Corporation LS027B7DH01 Datasheet HTML 9Page - Sharp Corporation LS027B7DH01 Datasheet HTML 10Page - Sharp Corporation LS027B7DH01 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
4
[For operating LCD module]
(1) Do not operate the LCD panel under outside of electrical specification. Otherwise LCD panel may be damaged.
(2) Do not use the LCD panel under outside of specified driving timing chart. Otherwise LCD panel may not have
proper picture quality.
(3) A still image should be displayed less than two hours, if it is necessary to display still image longer than two hour,
display image data must be refreshed in order to avoid sticking image on LCD panel.
(4) If LCD module takes a static electricity, as the display image which is written into pixel memory might not be
displayed, Data update should be executed frequently.
[Precautions for Storage]
(1) After opening the package, do not leave the LCD panel in direct sun or under strong ultraviolet ray. Store in dark
place.
(2) In temperature lower than specified rating, liquid crystal material will coagulate. In temperature higher than
specified rating, it isotropically liquifies. In either condition, the liquid crystal may not recover its original condition.
Store the LCD panel in at or around room temperature as much as possible.
Also, storing the LCD panel in high humidity will damage the polarizer. Store in normal room temperature as much
as possible.
(3) Keeping Method
a.No direct sun light
b.Store in trays and in dark room



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com