Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS027B7DH01 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LS027B7DH01
Description  LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS027B7DH01 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LS027B7DH01 Datasheet HTML 14Page - Sharp Corporation LS027B7DH01 Datasheet HTML 15Page - Sharp Corporation LS027B7DH01 Datasheet HTML 16Page - Sharp Corporation LS027B7DH01 Datasheet HTML 17Page - Sharp Corporation LS027B7DH01 Datasheet HTML 18Page - Sharp Corporation LS027B7DH01 Datasheet HTML 19Page - Sharp Corporation LS027B7DH01 Datasheet HTML 20Page - Sharp Corporation LS027B7DH01 Datasheet HTML 21Page - Sharp Corporation LS027B7DH01 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SPEC No.
LCY-1210401A
MODEL No.
LS027B7DH01
PAGE
15
6-5) Input Signal Timing Chart
6-5-1 Data update mode (1 line)
Updates data of only one specified line. (M0=”H”、M2=”L”)
M0: Mode flag. Set for “H”. Data update mode (Memory internal data update)
When “L”, display mode (maintain memory internal data).
M1: Frame inversion flag.
When “H”, outputs VCOM=”H”, and when “L”, outputs VCOM=”L”.
When EXTMODE=”H”, it can be “H” or “L”.
M2: All clear flag.
Refer to 6-5-4) All Clear Mode to execute clear.
DUMMY DATA: Dummy data. It can be “H” or “L” (“L” is recommended.)
* For gate line address setting, refer to 6-6) Input Signal and Display.
* M1: Frame inversion fl is enaled when EXTMODE=”L”.
* When SCS becomes “L”, M0 and M2 are cleared.
SCS
SI
M0 M1 M2 DMYDMYDMYDMYDMYAG0 AG1 AG2 AG3 AG4 AG5 AG6 AG7 D1 D2 D3 D4
D397D398D399D400
DUMMY DATA(don't care)
SCLK
tsSI
thSI
tsSCS
Date write period
(400ck)
Date transfer period
(16ck)
Mode select period
(3ck+5ckDMY)
twSCLKH
twSCLKL
twSCSH
Gate line address select period
(8ck)
thSCS
twSCSL
※
Data write period
Data is being stored in 1
st latch block of binary driver on panel.
※
Data transfer period
Data written in 1
st latch is being transferred (written) to pixel internal memory circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com