Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS060S2UD01 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 5Page - Sharp Corporation LS060S2UD01 Datasheet HTML 6Page - Sharp Corporation LS060S2UD01 Datasheet HTML 7Page - Sharp Corporation LS060S2UD01 Datasheet HTML 8Page - Sharp Corporation LS060S2UD01 Datasheet HTML 9Page - Sharp Corporation LS060S2UD01 Datasheet HTML 10Page - Sharp Corporation LS060S2UD01 Datasheet HTML 11Page - Sharp Corporation LS060S2UD01 Datasheet HTML 12Page - Sharp Corporation LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LCP-1310002-7
ON
Se qu e n c e
OFF
Se qu e n c e
tON1
tON2
tON3
tOFF1
tOFF2
VDD
VDDA
RESET
C o m m an d
NORM AL
STBY
7-2
Reset
Input
Timing
Table
7-2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Remark
Reset
low-level
width
t
RST
1.5
-
-
us
Reset
cansel
time
T
RST_C
-
-
0.3
us
8.
Power
Sequence
Table
8-1
Symbol
Min.
Typ.
Max.
Unit
tON1
100
―
―
μs
tON2
―
5
―
ms
tON3
―
24+1V
―
ms
tOFF1
―
32+1V
―
ms
tOFF2
0
―
―
ms
tRST
30%
30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com