Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS060S2UD01 Datasheet(PDF) 19 Page - Sharp Corporation

Part # LS060S2UD01
Description  LCD Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS060S2UD01 Datasheet(HTML) 19 Page - Sharp Corporation

Back Button LS060S2UD01 Datasheet HTML 13Page - Sharp Corporation LS060S2UD01 Datasheet HTML 14Page - Sharp Corporation LS060S2UD01 Datasheet HTML 15Page - Sharp Corporation LS060S2UD01 Datasheet HTML 16Page - Sharp Corporation LS060S2UD01 Datasheet HTML 17Page - Sharp Corporation LS060S2UD01 Datasheet HTML 18Page - Sharp Corporation LS060S2UD01 Datasheet HTML 19Page - Sharp Corporation LS060S2UD01 Datasheet HTML 20Page - Sharp Corporation LS060S2UD01 Datasheet HTML 21Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
LCP-1310002-17
12.
Handling
of
modules
12-1.
Connecting
the
FPC
by
the
ACF
1)
Be
sure
to
turn
off
the
power
supply
and
the
signals
when
connecting
the
FPC
2)
Please
connect
for
too
much
stress
not
to
join
FPC
in
the
case
of
connection
of
FPC.
12-2.
About
handling
of
FPC
1)
Do
not
dangle
the
LCD
module
by
holding
the
FPC,
or
do
not
give
any
stress
to
it.
11-3.
Mounting
of
the
module
1)
The
module
should
be
held
on
to
the
plain
surface.
Do
not
give
any
warping
or
twisting
stress
to
the
module.
11-4.
Cautions
in
assembly
/
Handling
pre
cautions
As
the
polarizer
can
be
easily
scratched,
be
most
careful
in
handling
it.
1)
Work
environments
in
assembly.
Working
under
the
following
environments
is
desirable:
a)
Implement
more
than
1MΩ
conductive
treatment
(by
placing
a
conductive
mat
or
applying
conductive
paint)
on
the
floor
or
tiles.
b)
No
dusts
come
in
to
the
working
room.
Place
an
adhesive,
anti-dust
mat
at
the
entrance
of
the
room.
c)
Humidity
of
50
to
70%
and
temperature
of
15
to
27°C
are
desirable.
d)
All
workers
wear
conductive
shoes,
conductive
clothes,
conductive
fingerstalls
and
grounding
belts
without
fail.
e)
Use
a
blower
for
electrostatic
removal.
Set
it
in
a
direction
slightly
tilt
downward
so
that
each
Module
can
be
well
subjected
to
its
wind.
Set
the
blower
at
an
optimum
distance
between
the
blower
and
the
module.
2)
How
the
remove
dust
on
the
polarizer
a)
Blow
out
dust
by
the
use
of
an
N²
blower
with
antistatic
measures
taken.
Use
of
an
ionized
air
gun
is
recommendable.
b)
When
the
panel
surface
is
soiled,
wipe
it
with
soft
cloth.
3)
If
water
dropped,
etc.
remains
stuck
on
the
polarizer
for
a
long
time,
it
is
apt
to
get
discolored
or
cause
stains.
Wipe
it
immediately.
4)
As
a
glass
substrate
is
used
for
the
TFT-LCD
panel,
if
it
is
dropped
on
the
floor
or
hit
by
something
hard,
it
may
be
broken
or
chipped
off.
5)
Since
CMOS
LSI
is
used
in
this
module,
take
care
of
static
electricity
and
take
the
human
earth
into
consideration
when
handling.
12-5.
Others
1)
If
stored
at
temperatures
below
the
rated
values,
the
inner
liquid
crystal
may
freeze,
causing
cell
destruction.
At
temperatures
exceeding
the
rated
values
for
storage,
the
liquid
crystal
may
become
isotropic
liquid,
making
it
no
longer
possible
to
come
back
to
its
original
state
in
some
cases.
2)
If
the
LCD
is
broken,
do
not
drink
liquid
crystal
in
the
mouth.
If
the
liquid
crystal
adheres
to
a
hand
or
foot
or
to
clothes,
immediately
cleanse
it
with
soap.
3)
If
a
water
drop
or
dust
adheres
to
the
polarizer,
it
is
apt
to
cause
deterioration.
Wipe
it
immediately.
4)
Be
sure
to
observe
other
caution
items
for
ordinary
electronic
parts
and
components.
5)
Epoxy
resin
(amine
series
curing
agent),
silicone
adhesive
material
(dealcoholization
series
and
oxime
series),
tray
forming
agent
(azo
compound)
etc,
in
the
cabinet
or
the
packing
materials
may
induce
abnormal
display
with
polarizer
film
deterioration
regardless
of
contact
or
noncontact
to
polarizer
film.
Be
sure
to
confirm
the
component
of
them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com