Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6M080-010D Datasheet(PDF) 3 Page - Sensitron

Part # SPM6M080-010D
Description  Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6M080-010D Datasheet(HTML) 3 Page - Sensitron

  SPM6M080-010D_10 Datasheet HTML 1Page - Sensitron SPM6M080-010D_10 Datasheet HTML 2Page - Sensitron SPM6M080-010D_10 Datasheet HTML 3Page - Sensitron SPM6M080-010D_10 Datasheet HTML 4Page - Sensitron SPM6M080-010D_10 Datasheet HTML 5Page - Sensitron SPM6M080-010D_10 Datasheet HTML 6Page - Sensitron SPM6M080-010D_10 Datasheet HTML 7Page - Sensitron SPM6M080-010D_10 Datasheet HTML 8Page - Sensitron SPM6M080-010D_10 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
Datasheet 4118, Rev. D.2
© 2004 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729 • (631) 586 7600
FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
Page 3
SPM6M080-010D
Under Voltage Lockout
VCCUV
9.0
10.0
11.5
V
ITRIP Reference Voltage
(1)
Itrip-ref
1.57
1.63
1.68
V
Input-to-Output Turn On Delay
Output Turn On Rise Time
Input-to-Output Turn Off Delay
Output Turn Off Fall Time
@ VCC=50V, ID=50A, TC = 25
tond
tr
toffd
tf
-
-
-
-
700
50
750
60
-
-
-
-
nsec
Dead Time Requirement, for Shoot Through Prevention
600
750
nsec
Opto-Isolator Input-to-Output Isolation Voltage, momentary
-
-
2500
-
V
Opto-Isolator Operating Input Common Mode Voltage
1000
V
Opto-Isolator Operating Input Common Mode Transient
Immunity, with Iin > 5mA
10
KV/usec
Pin-To-Case Isolation Voltage, DC Voltage
-
1500
-
V
DC Bus Current Sensor
Shunt Resistor Value
-
-
5
-
mOhm
Current Amplifier Gain, Referenced to Signal Gnd
0.049
V/A
Current Amplifier DC Offset (Zero DC Bus Current)
0.010
0.030
V
Current Amplifier Response Time
3
usec
(1) ITRIP current limit is internally set to 35A peak. The set point can be lowered by connecting a resistor between Itrip-ref
and Gnd. The set point can be increased by connecting a resistor between Itrip-ref and +5V ref. The off time duration is
about 70 usec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com